Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARX4868 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ARX4868
Description  VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX4868 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ARX4868 Datasheet HTML 1Page - Aeroflex Circuit Technology ARX4868 Datasheet HTML 2Page - Aeroflex Circuit Technology ARX4868 Datasheet HTML 3Page - Aeroflex Circuit Technology ARX4868 Datasheet HTML 4Page - Aeroflex Circuit Technology ARX4868 Datasheet HTML 5Page - Aeroflex Circuit Technology ARX4868 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Aeroflex Circuit Technology
SCD4808 REV A 3/9/98
Plainview NY (516) 694-6700
5
NOTES
1. Characteristics guaranteed by design, not production tested.
2. Measured from 75kHz to 1MHz at point A-A’ with transformer self impedance of 3K
Ω minimum, power on or off
Figure 3 Transmitter (TX) Output Wave form
Figure 4 Transmitter (TX) Output offset
Figure 5 Typical Transformer connection
6.5V P-P MIN
8.5V P-P MAX
90%
10%
tr*
tf*
* Rise and fall times measured at point A-A’ in Fig 5
0 Volts
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A’ in Fig 5
N1:N2
A
A’
B’
B
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
70
70
52.5
52.5
Ctr
tap
Transformer turns ratios:
N1:N2 = 1:1
N1:N3 = 1:0.71
Use Aeroflex 25T1553-1
N1:N3 for
stub
coupling
0 Volts
Magnified View
Figure 6 Power Dissipation vs. Duty Cycle
0
10
20
30
40
50
60
70
80
90 100
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
DUTY CYCLE, PERCENT
(TYPICAL)
(Per Channel)
Configurations and Ordering Information
Model No.
DESC No.
Receiver Data level
Case
ARX4808
TBA
Normally High
Plug In
ARX4808-2
TBA
Normally High
Flat Pack
ARX4868
TBA
Normally Low
Plug In
ARX4868-2
TBA
Normally Low
Flat Pack


Similar Part No. - ARX4868

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
   ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ARX4810-201-1 AEROFLEX-ARX4810-201-1 Datasheet
91Kb / 6P
   ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ARX4810-201-2 AEROFLEX-ARX4810-201-2 Datasheet
91Kb / 6P
   ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ARX4810-201-3 AEROFLEX-ARX4810-201-3 Datasheet
91Kb / 6P
   ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ARX4810-203-1 AEROFLEX-ARX4810-203-1 Datasheet
91Kb / 6P
   ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
More results

Similar Description - ARX4868

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
   ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
   ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
   ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
   ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
   ACT4468D Dual Transceivers for MIL-STD-1553
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com