Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3003 Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TS3003
Description  A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3003 Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS3003 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3003 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3003 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3003 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3003 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3003 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3003 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3003 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3003 Datasheet HTML 10Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TS3003
Touchstone Semiconductor, Inc.
Page 10
630 Alder Drive, Milpitas, CA 95035
TS3003DS r1p0
+1 (408) 215 - 1220
www.touchstonesemi.com
RTFDS
PACKAGE OUTLINE DRAWING
Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not
assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all
information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND.
Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance
notice. No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone
Semiconductor assumes no liability for applications assistance or customer product design. Customers are responsible for their products and
applications using Touchstone Semiconductor components. To minimize the risk associated with customer products and applications,
customers should provide adequate design and operating safeguards. Trademarks and registered trademarks are the property of their
respective owners.
BOTTOM VIEW
3.00±0.05
3.00±0.05
TOP VIEW
Pin 1 DOT BY
MARKING
NOTE!
 All dimensions in mm.
 Compliant with JEDEC MO-229
SIDE VIEW
0.25±0.05
0.50 BSC
2.30±0.10
1.60±0.10
CO.35
Dap Size
2.65X1.90 mm
0.40±0.05
0.30Ref
0.75±0.05
0.00±0.05
10-Pin TDFN33 Package Outline Drawing
(N.B., Drawings are not to scale)


Similar Part No. - TS3003

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Touchstone Semiconducto...
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
logo
Silicon Laboratories
TS3003ITD1033 SILABS-TS3003ITD1033 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
TS3003ITD1033T SILABS-TS3003ITD1033T Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
More results

Similar Description - TS3003

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1H EUROQUARTZ-CX1H Datasheet
290Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1HSM EUROQUARTZ-CX1HSM Datasheet
306Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1V EUROQUARTZ-CX1V Datasheet
280Kb / 2P
   Frequency Range 10kHz to 600kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com