Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F512K32N-060F5I Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-F512K32N-060F5I
Description  ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F512K32N-060F5I Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-F512K32N-060F5I Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F512K32N-060F5I Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F512K32N-060F5I Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F512K32N-060F5I Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F512K32N-060F5I Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F512K32N-060F5I Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F512K32N-060F5I Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F512K32N-060F5I Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F512K32N-060F5I Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
eroflex Circuit Technology - Advanced Multichip Modules © SCD1665 REV B 6/29/01
General Description
The ACT–F512K32 is a high
speed, 16 megabit CMOS flash
multichip
module
(MCM)
designed for full temperature
range military, space, or high
reliability applications.
The MCM can be organized
as a 512K x 32bits, 1M x 16bits
or 2M x 8bits device and is input
TTL
and
output
CMOS
compatible.
The
command
register is written by bringing
WE to a logic low level (VIL),
while CE is low and OE is at
logic high level (VIH). Reading is
accomplished by chip Enable
(CE) and Output Enable (OE)
being
logically
active,
see
Figure 9. Access time grades of
60ns, 70ns, 90ns, 120ns and
150ns maximum are standard.
The
ACT–F512K32
is
packaged
in
a
hermetically
Features
512Kx8
512Kx8
512Kx8
512Kx8
CE4
OE
A0 A18
I/O0-7
I/O8-15
I/O16-23
I/O24-31
88
8
8
CE3 WE4
WE3
WE2
WE1 CE1
CE2
Block Diagram – PGA Type Package(P3,P7) & CQFP(F5)
Pin Description
I/O0-31
Data I/O
A0–18 Address Inputs
WE1-4
Write Enables
CE1-4
Chip Enables
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
4 Low Power 512K x 8 FLASH Die in One MCM
Package
TTL Compatible Inputs and CMOS Outputs
Access Times of 60, 70, 90, 120 and 150ns
+5V Programing, 5V ±10% Supply
100,000 Erase/Program Cycles
Low Standby Current
Page Program Operation and Internal Program
Control Time
Sector Architecture (Each Die)
8 Equal size sectors of 64K bytes each
Any Combination of Sectors can be erased with
one command sequence
Supports full chip erase
Embedded Erase and Program Algorithms
MIL-PRF-38534 Compliant MCMs Available
Industry Standard Pinouts
Packaging – Hermetic Ceramic
68 Lead, .88" x .88" x .160" Single-Cavity Small
Outline gull wing, Aeroflex code# "F5"
(Drops into
the 68 Lead JEDEC .99"SQ CQFJ footprint)
66 Pin, 1.08" x 1.08" x .160" PGA Type, No
Shoulder, Aeroflex code# "P3"
66 Pin, 1.08" x 1.08" x .185" PGA Type, With
Shoulder, Aeroflex code# "P7"
Internal Decoupling Capacitors for Low Noise
Operation
Commercial, Industrial and Military Temperature
Ranges
DESC SMD# 5962–94612
Released (P3,P7,F5)
ACT–F512K32 High Speed
16 Megabit FLASH Multichip Module
CIRCUIT TECHNOLOGY
www.aeroflex.com


Similar Part No. - ACT-F512K32N-060F5I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F512K8N-060F6C AEROFLEX-ACT-F512K8N-060F6C Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACT-F512K8N-060F6I AEROFLEX-ACT-F512K8N-060F6I Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACT-F512K8N-060F6M AEROFLEX-ACT-F512K8N-060F6M Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACT-F512K8N-060F6Q AEROFLEX-ACT-F512K8N-060F6Q Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACT-F512K8N-060F6T AEROFLEX-ACT-F512K8N-060F6T Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
More results

Similar Description - ACT-F512K32N-060F5I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com