Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARX5002 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ARX5002
Description  ARX5001 & ARX5002 ARX LOW NOISE DC VOLTAGE REGULATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX5002 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ARX5002 Datasheet HTML 1Page - Aeroflex Circuit Technology ARX5002 Datasheet HTML 2Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multichip Modules For The Future
Table 1 – Electrical Characteristics
Part Number
(Nominal Voltage)
ARX5002
( +15V )
ARX5001
( +5V )
Parameter
Conditions
(unless otherwise noted)
TA = -55°C to +125°C
Min
Nom
Max
Min
Nom
Max
Units
Input Voltage
Maximum load current
18
-
23
8
-
15
VDC
No load current
-
-
30
-
-
30
VDC
Output Voltage
Maximum load current
14.85
15.00
15.15
4.95
5.00
5.05
VDC
Load Current
Minimum Input voltage
-
-
1.8
-
-
1.8
ADC
Line Regulation
Delta input voltage = 3V
Maximum load current
-
20
50
-
1
10
mVDC
Load Regulation
Full load to no load current
-
-
100
-
35
50
mVDC
Short Circuit Trip Current
Minimum Input voltage
2
-
3.5
2
-
3.5
ADC
Short Circuit Foldback Current
Minimum Input voltage
0.10
0.20
0.40
0.10
0.20
0.30
ADC
Ripple Rejection
0 < f < 150kHz, IL = 900 mA
40
-
-
40
-
-
dB
Output Spot Noise
TA= + 25 °C, VIN = minimum
10 kHz, IL = 900 mA
-
-
40
-
-
30
NV/ Hz
Notes: 1. Maximum power dissipation is limited to 10 Watts at 125°C case temperature
2. Custom voltage and short circuit trip current settings are available on special order
Circuit Technology
35 South Service Road
Plainview N.Y. 11803
Tele: (516) 694-6700
Fax: (516) 694-6715
Ordering Information
VIN
Vout
ARX5001/
ARX5002
1
2
3
CIN
COUT1
COUT2
Tantalum
5-10
µF
Ceramic
0.1
µF
Ceramic
1
µF
GND
Recomended Wiring Diagram
ARX5001 +5 Volts
ARX5002 +15 Volts
6/23/95
Specifications subject to change without notice.


Similar Part No. - ARX5002

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARX1003 NAIS-ARX1003 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
ARX1006 NAIS-ARX1006 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
ARX1009 NAIS-ARX1009 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
ARX1012 NAIS-ARX1012 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
ARX1024 NAIS-ARX1024 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
More results

Similar Description - ARX5002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6836CX4 NXP-LD6836CX4 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
STMicroelectronics
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com