Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3005ITD1033T Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TS3005ITD1033T
Description  A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3005ITD1033T Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TS3005ITD1033T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TS3005
Page 6
TS3005DS r1p0
RTFDS
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
FOUT
Fixed Frequency Output. A push-pull output stage with an
output resistance of 160
Ω. FOUT pin swings from GND to
VDD. For lowest power operation, capacitance loads should
be minimized and resistive loads should be maximized.
2,3,4
FDIV2:0
Frequency Divider Input. Various combinations of these
inputs will change the FOUT frequency for a fixed value of
RSET. Refer to Table 1.
5
PWMOUT
Pulse-width Modulated Output. A push-pull output stage with
an output resistance of 160
Ω, the PWMOUT pin is wired
anti-phase with respect to FOUT and swings from GND to
VDD. For lowest power operation, capacitance loads should
be minimized and resistive loads should be maximized.
6
PWM_CNTRL
PWM Output Pulse Control Pin. Applying a voltage between
GND and VRSET will reduce the duty cycle of the PWMOUT
output that is set by the capacitor connected to the CPWM
pin. Connect PWM_CNTRL to VDD for fixed PWMOUT
output pulse time (determined only by capacitor at CPWM).
7
GND
Ground. Connect this pin to the
system’s analog ground
plane.
8
CPWM
PWMOUT Pulse Width Programming Capacitance Input. A
target capacitance connected from this pin to GND sets the
duty cycle
of the PMW
output. Minimize
any stray
capacitance on this pin. The voltage on this pin will swing
from GND to VRSET. Connect CPWM to VDD to disable PWM
function (saves PWM current).
9
VDD
Power Supply Voltage Input. The supply voltage range is
1.55V
≤ V
DD ≤ 5.25V. Bypass this pin with a 0.1uF ceramic
coupling capacitor in close proximity to the TS3005.
10
RSET
FOUT Programming Resistor Input. A 4.32MOhm resistor
connected from this pin to ground sets the T3005
’s internal
oscillator’s output period to 20ms (49Hz). For optimal
performance, the composition of the RSET resistor shall be
consistent with a tolerance of 1% or lower. The RSET pin
voltage is approximately 0.3V.


Similar Part No. - TS3005ITD1033T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3005ITD1033T SILABS-TS3005ITD1033T Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
More results

Similar Description - TS3005ITD1033T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX98307EVKIT MAXIM-MAX98307EVKIT Datasheet
1Mb / 7P
   2.6V to 5.25V Single-Supply Operation
19-5985; Rev 0; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com