Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3006 Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TS3006
Description  A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3006 Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

  TS3006 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 9Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS3006
Page 6
TS3006DS r1p0
RTFDS
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
FOUT
Fixed Frequency Output. A push-pull output stage with an
output resistance of 160
Ω. FOUT pin swings from GND to
VDD. For lowest power operation, capacitance loads
should be minimized and resistive loads should be
maximized.
2
NC
Non-Connect.
3,4,5,6
GND
Ground. Connect this pin to the system’s analog ground
plane.
7
VDD
Power Supply Voltage Input. The supply voltage range is
1.55V
≤ V
DD ≤ 5.25V. Bypass this pin with a 0.1uF ceramic
coupling capacitor in close proximity to the TS3006.
8
RSET
FOUT Programming Resistor Input. A 4.32MOhm resistor
connected from this pin to ground sets the T3003
’s internal
oscillator’s output period to 40µs (25KHz). For optimal
performance, the composition of the RSET resistor shall
be consistent with a tolerance of 1% or lower. The RSET
pin voltage is approximately 0.3V.
BLOCK DIAGRAM


Similar Part No. - TS3006

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
logo
Touchstone Semiconducto...
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
logo
Silicon Laboratories
TS3006ITD833 SILABS-TS3006ITD833 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3006ITD833T SILABS-TS3006ITD833T Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
More results

Similar Description - TS3006

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
   Silicon Digital Attenuator, 9kHz to 40GHz
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com