Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3006 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TS3006
Description  A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3006 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS3006 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3006 Datasheet HTML 9Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS3006
Page 1
© 2013 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
 Ultra Low Supply Current: 1.9
μA at 25kHz
 Supply Voltage Operation: 1.55V to 5.25V
 Single Resistor Sets FOUT at 50% Duty Cycle
 FOUT Period:
9kHz
≤ FOUT ≤ 300kHz
 Single Resistor Sets Output Frequency
 FOUT Period Accuracy: 3%
 FOUT Period Drift: 0.02%/ºC
 FOUT
Output Driver Resistance: 160Ω
APPLICATIONS
Portable and Battery-Powered Equipment
Low-Parts-Count Nanopower Oscillator
Compact Micropower Replacement for Crystal and
Ceramic Oscillators
Micropower Pulse-width Modulation Control
Micropower Pulse-position Modulation Control
Micropower Clock Generation
Micropower Sequential Timing
DESCRIPTION
The TS3006 is a single-supply, second-generation
Touchstone Semi oscillator/timer fully specified to
operate at a supply voltage range of 1.55V to 5.25V
while
consuming
less
than
2.4
μA(max) supply
current. Requiring only a resistor to set the base
output frequency (or output period) at 25kHz (or
40µs)
with
a
50%
duty
cycle,
the
TS3006
timer/oscillator is compact, easy-to-use, and versatile.
Optimized
for
ultra-long
life,
low
frequency,
battery-powered/portable applications, TS3006 joins
the TS3001, TS3002, TS3004, and TS3005 in
Touchstone’s CMOS timer family in its “NanoWatt
Analog™”
series
of
high-performance
analog
integrated circuits.
The TS3006 output frequency can be user-adjusted
from 9kHz to 300kHz with a single resistor. In
addition, the TS3006 represents a 25% reduction in
pcb area and a factor-of-10 lower power consumption
over
other
CMOS-based
integrated
circuit
oscillators/timers. When compared against industry-
standard 555-timer-based products, the
TS3006
offers up to 84% reduction in pcb area and over three
orders of magnitude lower power consumption.
The TS3006 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile,
8-pin 3x3mm TDFN package with an exposed
back-
side paddle.
A 1.55V to 5.25V, 1.9µA, 9kHz to 300kHz Silicon Timer
TYPICAL APPLICATION CIRCUIT
The Touchstone Semiconductor logo
and “NanoWatt Analog” are
registered trademarks of Touchstone Semiconductor, Incorporated.


Similar Part No. - TS3006

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
logo
Touchstone Semiconducto...
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
logo
Silicon Laboratories
TS3006ITD833 SILABS-TS3006ITD833 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3006ITD833T SILABS-TS3006ITD833T Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
More results

Similar Description - TS3006

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
   Silicon Digital Attenuator, 9kHz to 40GHz
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com