Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7049-2 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7049-2
Description  2 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7049-2 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7049-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7049-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7049-2 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
2 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4
GHz PE7049-2
URL:
http://www.pasternack.com/2db-fixed-bnc-male-bnc-female-2-watts-attenuator-pe7049-2-p.aspx
PE7049-2
PE7049-2 REV
2 dB Fixed Attenuator, BNC Male To BNC Female
Brass Nickel Body Rated To 2 Watts Up To 4 GHz


Similar Part No. - PE7049-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7049-2 PASTERNACK-PE7049-2 Datasheet
226Kb / 3P
   2 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-20 PASTERNACK-PE7049-20 Datasheet
215Kb / 3P
   20 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-20 PASTERNACK-PE7049-20 Datasheet
226Kb / 3P
   20 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-20 PASTERNACK-PE7049-20_16 Datasheet
226Kb / 3P
   20 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-2 PASTERNACK-PE7049-2_16 Datasheet
226Kb / 3P
   2 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
More results

Similar Description - PE7049-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7049-10 PASTERNACK-PE7049-10 Datasheet
216Kb / 3P
   10 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-20 PASTERNACK-PE7049-20 Datasheet
215Kb / 3P
   20 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-3 PASTERNACK-PE7049-3 Datasheet
217Kb / 3P
   3 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-6 PASTERNACK-PE7049-6 Datasheet
216Kb / 3P
   6 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-1 PASTERNACK-PE7049-1 Datasheet
217Kb / 3P
   1 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-30 PASTERNACK-PE7049-30 Datasheet
215Kb / 3P
   30 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7050-2 PASTERNACK-PE7050-2 Datasheet
212Kb / 3P
   2 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7050-20 PASTERNACK-PE7050-20 Datasheet
212Kb / 3P
   20 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7050-30 PASTERNACK-PE7050-30 Datasheet
210Kb / 3P
   30 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7050-3 PASTERNACK-PE7050-3 Datasheet
212Kb / 3P
   3 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com