Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-5260PC-100P10M Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-5260PC-100P10M
Description  ACT5260 64-Bit Superscaler Microprocessor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-5260PC-100P10M Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-5260PC-100P10M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-5260PC-100P10M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-5260PC-100P10M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-5260PC-100P10M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-5260PC-100P10M Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-5260PC-100P10M Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-5260PC-100P10M Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-5260PC-100P10M Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Aeroflex Circuit Technology
SCD5260 REV A 3/29/99 Plainview NY (516) 694-6700
5
System Interface Parameters7
Parameter
Symbol
Test Conditions
100MHz
133MHz
150MHz
Units
Min
Max
Min
Max
Min
Max
Data Output8
tDO
mode14...13 = 10 (fastest)
1.0
7.0
1.0
7.0
1.0
7.0
ns
mode14...13 = 11
1.0
7.5
1.0
7.5
1.0
7.5
ns
mode14...13 = 00
1.0
8.0
1.0
8.0
1.0
8.0
ns
mode14...13 = 01 (slowest)
1.0
8.5
1.0
8.5
1.0
8.5
ns
Data Setup
tDS
tRISE = 5ns
5.0
-
5.0
-
5.0
-
ns
Data Hold
tDH
tFALL= 5ns
2.0
-
2.0
-
2.0
-
ns
Notes: -
7. Timmings are are measured from from 1.5V of the clock to 1.5V of the signal.
8. Capacitive load for all output timing is 50pF.
Boot Time Interface Parameters
Parameter
Symbol
Test Conditions
100/133/150MHz
Units
Min
Max
Mode Data Setup
tDS
4
-
SysClock cycles
Mode Data Hold
tDH
0
-
SysClock cycles


Similar Part No. - ACT-5260PC-100P10M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-5261PC-133F17C AEROFLEX-ACT-5261PC-133F17C Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT-5261PC-133F17I AEROFLEX-ACT-5261PC-133F17I Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT-5261PC-133F17M AEROFLEX-ACT-5261PC-133F17M Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT-5261PC-133F17Q AEROFLEX-ACT-5261PC-133F17Q Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT-5261PC-133F17T AEROFLEX-ACT-5261PC-133F17T Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
More results

Similar Description - ACT-5260PC-100P10M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
   ACT 7000SC 64-Bit Superscaler Microprocessor
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
   ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
   ACT5231 32-Bit Superscaler Microprocessor
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com