Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-9731 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # AN-9731
Description  LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 100W Lighting System
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9731 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  AN-9731 Datasheet HTML 1Page - Fairchild Semiconductor AN-9731 Datasheet HTML 2Page - Fairchild Semiconductor AN-9731 Datasheet HTML 3Page - Fairchild Semiconductor AN-9731 Datasheet HTML 4Page - Fairchild Semiconductor AN-9731 Datasheet HTML 5Page - Fairchild Semiconductor AN-9731 Datasheet HTML 6Page - Fairchild Semiconductor AN-9731 Datasheet HTML 7Page - Fairchild Semiconductor AN-9731 Datasheet HTML 8Page - Fairchild Semiconductor AN-9731 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AN-9731
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 3/24/11
4
Figure 7. AC-Off Operation without AC-Absent
Detection Circuit
Figure 8. AC-Off Operation with AC-Absent
Detection Circuit
4. Design Considerations
In this section, a design procedure is presented using the
schematic in Figure 9 as a reference. A 140W PFC
application with universal input range is selected as a
design example. The design specifications are:
Line Voltage Range: 90~265VAC (Universal Input),
50Hz
Nominal Output Voltage and Current: 400V/0.35A
(140W)
Hold-up Time Requirement: Output Voltage Should
Not Drop Below 330V During One Line Cycle
Output Voltage Ripple: Less than 8VPP
Minimum Switching Frequency: Higher than 50kHz
Control Bandwidth: 5~15Hz
VCC Supplied from Auxiliary Power Supply.
Figure 9. Reference Circuit for Design Example of BCM Boost PFC


Similar Part No. - AN-9731

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
Fairchild Semiconductor
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
AN-9736 FAIRCHILD-AN-9736 Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
More results

Similar Description - AN-9731

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
logo
Cooper Bussmann, Inc.
CTX01-15789 COOPER-CTX01-15789 Datasheet
231Kb / 3P
   Power Factor Correction (PFC) Application Notes
logo
Fairchild Semiconductor
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
logo
Bel Fuse Inc.
MPU200-1012G BEL-MPU200-1012G Datasheet
1Mb / 7P
   Power Factor Correction (PFC)
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
SIFIRST TECHNOLOGIES NA...
SFL900C SIFIRST-SFL900C Datasheet
158Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
SFL900B SIFIRST-SFL900B Datasheet
160Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com