Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2578 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # CT2578
Description  CT2578 / CT2581 SIMPLE REMOTE TERMINAL FOR MIL-STD-1553 / 1760 & McAir
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2578 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  CT2578 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2578 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2578 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2578 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2578 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2578 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2578 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DATA BUS
COMMAND
NVCR
T0-T15
1
2
3
DATA
NDATA
NSYNC
When applicable
7
SCDCT2578 REV B 3/11/98
MODE CODES WITH DATA RECEIVE BROADCAST
1. Valid command word received, contents available on T0-T15 for illegalization purposes. Status must be valid within 600 nS.
2. Valid data word received, contents available on T0-T15. Synchronise data word stored in 32 word data memory.
3. Synchronise data word (when applicable) transferred from 32 word data memory to main memory and available on T0-T15.
REMOTE TERMINAL DETAIL
COMMAND REGISTER
The five most significant bits of the command register contain the
Remote Terminal Address.
Bit 10 of the register is the Transmit / Receive bit. If it is set to '1'
the device will perform the transmit sequence and it is set to '0' it
will perform the receive sequence.
Bits 5 to 9 contain the Subsystem Address but two of these
addresses are reserved and one programable. 11111 (1F) or 00000
(00) indicate that the command is a mode code. The least
significant five bits of the command register are used to decode the
mode code and are not used as the word counter as a mode code
may only have a maximum of one associated word.
111110 (1E) and WRAPEN sets the sequencer up to perform the
wrap around function.
The least significant five bits of the command register contain the
number of data words to be transmitted or received. 11111 is 31
words and 00000 is 32 words.
STATUS REGISTER
ME
Message Error: set internally as a result of an error in the received
message or set externally with a discrete pin to illegalize a
message.
INST
Instrumentation: set to zero.
SR
Service Request: set with a discrete pin.
RESVD
Reserved: set to zero
BCST
Broadcast Command Received: set internally.
BUSY
Subsystem Busy: set with a discrete pin.
SSFL
Subsystem Flag: set with a discrete pin.
DBCA
Dynamic Bus Control Acceptance: set to zero.
TF
Terminal Flag: set with a discrete pin.
The status register is cleared and the external bits loaded on all
commands except 'Transmit Status' and 'Transmit Last Command'.
The external status bits (both discrete and programable) must be
valid 600 nS from the rising edge of NVCR for transmit commands
and mode codes, and 250 nS from the rising edge of NDATA for
the last data word in a receive message.
If discrete status inputs are not used they may be left open circuit.
STATUS RESPONSE TIME
The response time (all commands) measured from the mid bit zero
crossing of the last bit of the last word to the mid bit zero crossing
of the status word sync is nominally 11.0 uS.
This time period is used to monitor for more data words on the bus.
If a valid sync field followed by four valid Manchester bi-phase bits
are detected then this is considered to be another word on the bus.
The response time may be reduced to 6.0 uS (4.0 uS dead bus
time) by setting the MCAIR input active high.
MESSAGE ILLEGALIZATION
Any command or mode command may be illegalized by setting the
NME input active low. The remote terminal will respond with
status with the Message Error bit set, provided the message was
valid, and not use the information received. There will be no
transfers to or from the subsystem.


Similar Part No. - CT2578

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2577 AEROFLEX-CT2577 Datasheet
112Kb / 41P
   APPLICATION NOTE 108
CT2579 AEROFLEX-CT2579 Datasheet
112Kb / 41P
   APPLICATION NOTE 108
More results

Similar Description - CT2578

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-6120 HOLTIC-HI-6120_15 Datasheet
3Mb / 162P
   MIL-STD-1553 Remote Terminal ICs
HI-6120PQI HOLTIC-HI-6120PQI Datasheet
492Kb / 116P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_12 Datasheet
3Mb / 158P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_10 Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
logo
Aeroflex Circuit Techno...
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
   ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
logo
Aeroflex Circuit Techno...
5531760 AEROFLEX-5531760 Datasheet
94Kb / 7P
   ACT 4487 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com