Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2543-FP-701 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT2543-FP-701
Description  CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2543-FP-701 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT2543-FP-701 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2543-FP-701 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2543-FP-701 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2543-FP-701 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2543-FP-701 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2543-FP-701 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2543-FP-701 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2543-FP-701 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2543-FP-701 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2542 REV E 8/23/00 Plainview NY (516) 694-6700
2
Electrical Characteristics (Receiver Section)
Parameter/Conditions
Symbol
Min
Typ
Max
Units
Differential input impedance
DC to 1MHz, Point B, Figure 2
ZIN
2K
Differential voltage range
VDIR
±20V
Vpeak
Input common mode voltage
range
VICR
±10V
Vpeak
Common mode rejection ratio
(from point A, Figure 2)
CMMR
40
dB
Threshold characteristics
(Sine wave at 1MHz)
Note: Threshold voltages refer to point A, Figure 2.
Vth
0.6
1.2
Vp-p
Electrical Characteristics (Transmitter Section)
Parameter/Conditions
Symbol
Min
Typ
Max
Units
Differential output level at point B, Figure 2 (145 ohm load)
VO
24
35
Vp-p
Rise and Fall times (10% to 90% of p-p output)
Tr
100
300
nS
Output offset at point A in Figure 2 (35-ohm load) 2.5us
after mid-bit crossing of
parity bit of last word of a
660us message
VOS
±20
±90
mV Vpeak
Differential output noise
VNOI
10
mV pp


Similar Part No. - CT2543-FP-701

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2542-701 AEROFLEX-CT2542-701 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2542-FP AEROFLEX-CT2542-FP Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2542-FP-701 AEROFLEX-CT2542-FP-701 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
More results

Similar Description - CT2543-FP-701

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2512 AEROFLEX-CT2512 Datasheet
257Kb / 17P
   CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
Holt Integrated Circuit...
HI-6120 HOLTIC-HI-6120_10 Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_15 Datasheet
3Mb / 162P
   MIL-STD-1553 Remote Terminal ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com