Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44205 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44205
Description  SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44205 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44205 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44205 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
2
PE44205 REV A
SMA Female Connector Solder Attachment 0.047 inch
End Launch PCB, .030 inch Diameter
PE44205
CAD Drawing


Similar Part No. - PE44205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
   SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
   RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
   RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44202 PASTERNACK-PE44202 Datasheet
222Kb / 3P
   RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44203 PASTERNACK-PE44203 Datasheet
214Kb / 2P
   SMA Male Connector Crimp/Solder Attachment For PE-P195
More results

Similar Description - PE44205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
   SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
   SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE4542 PASTERNACK-PE4542 Datasheet
285Kb / 3P
   SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
   RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44211 PASTERNACK-PE44211 Datasheet
217Kb / 2P
   SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44212 PASTERNACK-PE44212 Datasheet
227Kb / 3P
   SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE4912 PASTERNACK-PE4912 Datasheet
205Kb / 2P
   SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44132 PASTERNACK-PE44132 Datasheet
223Kb / 3P
   SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44129 PASTERNACK-PE44129 Datasheet
285Kb / 2P
   SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44133 PASTERNACK-PE44133 Datasheet
205Kb / 2P
   SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com