Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-5271PC-150P10Q Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-5271PC-150P10Q
Description  ACT5271 64-Bit Superscaler Microprocessor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-5271PC-150P10Q Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-5271PC-150P10Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-5271PC-150P10Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-5271PC-150P10Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-5271PC-150P10Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-5271PC-150P10Q Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aeroflex Circuit Technology
SCD5271 REV 1 12/22/98 Plainview NY (516) 694-6700
2
DESCRIPTION
The Aeroflex ACT5271 is a highly integrated
superscalar microprocessor that implements a
superset
of
the
MIPS
IV
Instruction
Set
Architecture(ISA). It has a high performance 64-bit
integer unit, a high throughput, fully pipelined 64-bit
floating point unit, an operating system friendly
memory management unit with a 48-entry fully
associative TLB, a 32 KByte 2-way set associative
instruction cache, a 32 KByte 2-way set associative
data cache, and a high-performance 64-bit system
interface with support for an optional external
secondary cache. The ACT5271 can issue both an
integer and a floating point instruction in the same
cycle.
The
ACT5271 is ideally suited for high-end
embedded
control
applications
such
as
internetworking,
high
performance
image
manipulation,
high
speed
printing,
and
3-D
visualization.The ACT5271 is also applicable to the
low end workstation market where its balanced
integer and floating-point performance and direct
support for a large secondary cache (up to 2MB)
provide outstanding price/performance
HARDWARE OVERVIEW
The ACT5271 offers a high-level of integration
targeted
at
high-performance
embedded
applications. The key elements of the ACT5271
are briefly described below.
Superscalar Dispatch
The
ACT5271 has an efficient asymmetric
superscalar dispatch unit which allows it to issue an
integer instruction and a floating-point computation
instruction
simultaneously.
With
respect
to
superscalar issue, integer instructions include alu,
branch, load/store, and floating-point load/ store,
while
floating-point
computation
instructions
include floating-point add, subtract, combined
multiply-add, converts, etc. In combination with its
high
throughput
fully
pipelined
floating-point
execution unit, the superscalar capability of the
ACT5271 provides unparalleled price/performance
in
computationally
intensive
embedded
applications.
CPU Registers
Like all MIPS ISA processors, the ACT5271 CPU
has a simple, clean user visible state consisting of
32 general purpose registers, two special purpose
registers for integer multiplication and division, a
program counter, and no condition code bits.
Pipeline
For integer operations, loads, stores, and other
non-floating-point operations, the ACT5271 uses
the simple 5-stage pipeline also found in the
ACT52xx family, R4600, R4700, and R5000. In
addition to this standard pipeline, the
ACT5271
uses an
extended seven
stage
pipeline for
floating-point operations. Like the ACT5270 and
R5000, the
ACT5271 does virtual to physical
translation in parallel with cache access.
Integer Unit
Like the other members of the ACT52xx family
and R5000, the ACT5271 implements the MIPS IV
Instruction Set Architecture, and is therefore fully
upward compatible with applications that run on
processors implementing the earlier generation
MIPS
I-III
instruction
sets.
Additionally,
the
ACT5271 includes two implementation specific
instructions not found in the baseline MIPS IV ISA
but that are useful in the embedded market place.
Described in detail in the QED RM5271 datasheet,
these instructions are integer multiply-accumulate
and 3-operand integer multiply.
The
ACT5271 integer unit includes thirty-two
general purpose 64-bit registers, a load/store
architecture with single cycle ALU operations (add,
sub, logical, shift) and an autonomous multiply/
divide unit. Additional register resources include:
the HI/LO result registers for the two-operand
integer multiply/divide operations, and the program
counter(PC).
Register File
The
ACT5271 has thirty-two general purpose
registers with register location 0 hard wired to zero.
These registers are used for scalar integer
operations and address calculation. The register
file has two read ports and one write port and is fully
bypassed to minimize operation latency in the
pipeline.
ALU
The ACT5271 ALU consists of the integer adder/
subtractor, the logic unit, and the shifter. The adder
performs
address
calculations
in
addition
to
arithmetic operations, the logic unit performs all
logical and zero shift data moves, and the shifter
performs shifts and store alignment operations.
Each of these units is optimized to perform all tions
in a single processor cycle.
For additional Detail Information regarding the
operation of the Quantum Effect Design (QED)
RISCMark
ACT5271
™, 64-Bit Superscalar
Microprocessor see the latest QED datasheet
(Revision 1.0 July 1998).


Similar Part No. - ACT-5271PC-150P10Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-5270PC-133F17C AEROFLEX-ACT-5270PC-133F17C Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT-5270PC-133F17I AEROFLEX-ACT-5270PC-133F17I Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT-5270PC-133F17M AEROFLEX-ACT-5270PC-133F17M Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT-5270PC-133F17Q AEROFLEX-ACT-5270PC-133F17Q Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT-5270PC-133F17T AEROFLEX-ACT-5270PC-133F17T Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
More results

Similar Description - ACT-5271PC-150P10Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
   ACT 7000SC 64-Bit Superscaler Microprocessor
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
   ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
   ACT5231 32-Bit Superscaler Microprocessor
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com