Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PENT1040B Datasheet(PDF) 2 Page - SL Power Electronics

Part # PENT1040B
Description  Universal 40 Watt (Pre-IEEE802.3at Compliant)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PENT1040B Datasheet(HTML) 2 Page - SL Power Electronics

  PENT1040B Datasheet HTML 1Page - SL Power Electronics PENT1040B Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PENT1040B
Universal 40 Watt (Pre-IEEE802.3at Compliant)
High Power PoE Gigabit Injector
Output
Max
Ripple
Ault Part Number
Voltage
Min
Max
Watts
Vp-p max.
PENT1040B5600F01
56V
0.00A
0.71A
40W
560mV
Output Currents
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone:805.486.4565 Fax:805.487.8911 Email:info@slpower.com www.slpower.com
DataSheet©2008SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.9/3/08
For the most current data and application support visit www.slpower.com
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
PENT
1
040
B
56
00
F
01
Product
Numberof
Output
Configuration
Output
Output
Input
Standard
Family
Outputs
Wattage
Type
Voltage
Connector
Configuration
(nomodifications
Name
orspecialpackaging)
Ault Part Number Key
Weight
(excludingcord)
7Ounces,200Grams
CaseandDimension
5.24Lx2.13Wx1.42H(in)
133.0Lx54.0Wx36.0H(mm)
CaseMaterial
Black94V0
Polycarbonate
CordandConnectors
DualRJ45jacksbuiltinto
theenclosure
General Specifications (continued from p. 1)
PoEGigabitPin-outConnections:
Data
Pins4/5(Data+PWR)
Data
Pins1/2(DataOnly)
Data
Pins3/6(DataOnly)
Data
Pins7/8(Data+PWR)
Note:
=Transformer
Pin Connections
8 7 6 5 4 3 2 1
8 7 6 5 4 3 2 1
J2
J1
(PowerandDataOut)
(DataIn)
(RearofUnit)
POWER(+)
POWER(-)
Options(additionalcostsmayapply):
•Customlabelartwork
•Customagencyapprovalsavailable
•Surgeprotection(Input&Output)
•Mountingbracket
•CustomPoEmodifications
Personalized PoE
LEDFunctions:
AmberPowerOn
GreenPowerActive
Blink
LoadError
•Proposedstandardisindevelopment;decisionexpectedinthenext
4-6months
•OperatesonCat5andhigherinfrastructure
•UsesallfourpairsofstandardEthernetCategory5cabletoprovide
upto56wattsofpower
•BackwardscompatiblewithIEEE802.3afstandard
Power over Ethernet Plus (known as PoEP and/or PoE+) IEEE802.3at:


Similar Part No. - PENT1040B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PENT1040A SLPOWER-PENT1040A Datasheet
258Kb / 2P
   Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040C SLPOWER-PENT1040C Datasheet
257Kb / 2P
   Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040D SLPOWER-PENT1040D Datasheet
259Kb / 2P
   Universal 40 Watt (Pre-standard IEEE802.3at Compliant)
More results

Similar Description - PENT1040B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PENT1040D SLPOWER-PENT1040D Datasheet
259Kb / 2P
   Universal 40 Watt (Pre-standard IEEE802.3at Compliant)
PENT1040C SLPOWER-PENT1040C Datasheet
257Kb / 2P
   Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040A SLPOWER-PENT1040A Datasheet
258Kb / 2P
   Universal 40 Watt (IEEE802.3af Non-Compliant)
PENB1035B SLPOWER-PENB1035B Datasheet
245Kb / 2P
   Universal 56V, 35W (IEEE802.3at Compliant) PoE Gigabit
PW153KB SLPOWER-PW153KB Datasheet
309Kb / 2P
   Universal 40 Watt Series
PW182RD SLPOWER-PW182RD Datasheet
308Kb / 2P
   Universal 17 Watt (IEEE802.3af Compliant)
PW183RD SLPOWER-PW183RD Datasheet
309Kb / 2P
   Universal 30 Watt (IEEE802.3af Compliant)
PW180KA SLPOWER-PW180KA Datasheet
269Kb / 2P
   Universal 20 Watt (Non-Compliant)
PW182RB SLPOWER-PW182RB Datasheet
309Kb / 2P
   Universal 17 Watt (IEEE802.3af Compliant)
PW183RB SLPOWER-PW183RB Datasheet
312Kb / 2P
   Universal 30 Watt (IEEE802.3af Compliant)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com