Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW116XA15XX Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW116XA15XX
Description  PW116 SWITCH-MODE POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW116XA15XX Datasheet(HTML) 2 Page - SL Power Electronics

  PW116XA15XX Datasheet HTML 1Page - SL Power Electronics PW116XA15XX Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2005 Ault Inc.
In case IEC320 type: F=Class I C14 inlet Q=Class II C18 inlet
Specify the Input Configuration Code in your order.
Connectors
Input Configuration
PW116
ITE 60-90 W ATT SERIES
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Electrical
Topology
Switching - Fixed frequency 100KHz
Efficiency
Up to 89%
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 Calculated Hours Minimum
Environmental
Operating Temperature
0º to 40º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
LP7 - Desktop
5.08L x 3.05W x 1.67H (in)
129L x 77W x 40H (mm)
Case Material
94V0 polycarbonate; black is standard
color; other colors available - extra
charges may apply
Weight
13 ounces, 370 grams
(excluding cord)
Input
Voltage
100-250 VAC -10%, +6%
Line Frequency
47 - 63 Hz
Current
2.0A max. at 90 VAC input
Protection
Internal primary current fuse,
Inrush limiting
Power Factor Correction
Complies with EN61000-3-2 and
EN61000-3-3 (active)
Output
Combined Line and Load
±1% excluding cord
Voltage Regulation
Ripple
1% V p-p max
Transient Response
0.5 msec. for 50% load change typical
Holdup Time
16 msec min. over entire input range
Protection
Foldback overcurrent protection
Short circuit protection
Cord and Connector
5V and 6V: 6 ft, 6 conductor, 18 AWG,
Ault #51 connector. Pinout: Pins 1, 2, 3 =
+V; 4, 5 and 6 = common. 9V, 12V, 13.5V,
15V, 16V: 6 ft, 4 conductor, 18 AWG, Ault
#51 connector. Pinout: Pins 1,4=+V; 3,
6=common. All with overmolded Ferrite
core. 18V, 24V, 48V,: 6 ft, 2 conductor, 18
AWG with overmolded Ferrite core, Ault
#3 connector, center positive.
Safety Approvals
Agency Listings
cULus60950, TUV/IEC EN60950,
Australian, Japanese certification
available - extra fees apply


Similar Part No. - PW116XA15XX

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PW111 SJM-PW111 Datasheet
403Kb / 5P
   Gain Block
PW111 SJM-PW111 Datasheet
214Kb / 3P
   CATV Amplifier
PW111 SJM-PW111_V01 Datasheet
214Kb / 3P
   CATV Amplifier
PW112 SJM-PW112 Datasheet
445Kb / 7P
   Gain Block
PW113 SJM-PW113 Datasheet
367Kb / 5P
   Gain Block
More results

Similar Description - PW116XA15XX

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com