Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7022-30 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7022-30
Description  30 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7022-30 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7022-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7022-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7022-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
30 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts
Up To 1.5 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 30 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized
Body Rated To 100 Watts Up To 1.5 GHz PE7022-30
URL:
http://www.pasternack.com/30db-fixed-sma-female-sma-male-100-watts-attenuator-pe7022-30-p.aspx
PE7022-30
PE7022-30 REV
30 dB Fixed Attenuator, SMA Male To SMA Female
Directional Aluminum Heatsink Black Anodized
Body Rated To 100 Watts Up To 1.5 GHz


Similar Part No. - PE7022-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7022-10 PASTERNACK-PE7022-10 Datasheet
259Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7022-20 PASTERNACK-PE7022-20 Datasheet
259Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7022-40 PASTERNACK-PE7022-40 Datasheet
252Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7022-6 PASTERNACK-PE7022-6 Datasheet
259Kb / 3P
   6 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
More results

Similar Description - PE7022-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7022-6 PASTERNACK-PE7022-6 Datasheet
259Kb / 3P
   6 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7022-10 PASTERNACK-PE7022-10 Datasheet
259Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7022-40 PASTERNACK-PE7022-40 Datasheet
252Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7022-20 PASTERNACK-PE7022-20 Datasheet
259Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7020-30 PASTERNACK-PE7020-30 Datasheet
253Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7016-30 PASTERNACK-PE7016-30 Datasheet
219Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7018-30 PASTERNACK-PE7018-30 Datasheet
266Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 18 GHz
PE7391-30 PASTERNACK-PE7391-30 Datasheet
248Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 3 GHz
PE7013-30 PASTERNACK-PE7013-30 Datasheet
217Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7020-30 PASTERNACK-PE7020-30_16 Datasheet
259Kb / 3P
   30 dB Fixed Attenuator, SMA Male to SMA Female Directional Black Anodized Aluminum Heatsink body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com