Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1345 Datasheet(PDF) 9 Page - Agere Systems

Part # 1345
Description  1345-Type Receiver with Clock Recovery and Data Retiming
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1345 Datasheet(HTML) 9 Page - Agere Systems

Back Button 1345 Datasheet HTML 4Page - Agere Systems 1345 Datasheet HTML 5Page - Agere Systems 1345 Datasheet HTML 6Page - Agere Systems 1345 Datasheet HTML 7Page - Agere Systems 1345 Datasheet HTML 8Page - Agere Systems 1345 Datasheet HTML 9Page - Agere Systems 1345 Datasheet HTML 10Page - Agere Systems 1345 Datasheet HTML 11Page - Agere Systems 1345 Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Agere Systems Inc.
Data Sheet
1345-Type Receiver with
January 2000
Clock Recovery and Data Retiming
Outline Drawings
Dimensions are in inches and (millimeters). Unless noted otherwise, tolerances are ±0.005 in. (±0.127 mm).
1-988(C)
1.339
(34.01)
0.968
(24.58)
0.635
(16.14)
0.147
(3.73)
TOP VIEW
PIN 1 INDICATOR
0.125
(3.17)
0.110
(2.80)
0.100
(2.54)
0.900
(22.86)
0.350 (8.89)
0.400
(10.16)
PIN 20
PIN 11
PIN 1
PIN 10
0.018
(0.46)


Similar Part No. - 1345

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1345 3M-1345 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
Heyco.
1345 HEYCO-1345 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
logo
Vicor Corporation
13450 VICOR-13450 Datasheet
33Kb / 1P
   CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
13450-01 VICOR-13450-01 Datasheet
33Kb / 1P
   CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
logo
List of Unclassifed Man...
1345000 ETC2-1345000 Datasheet
98Kb / 3P
   22 AWG stranded (7x30) .030 bare copper conductor, foam polyethylene insulation
More results

Similar Description - 1345

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808 Datasheet
145Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD807 AD-AD807_15 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD808 AD-AD808_15 Datasheet
153Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD800 AD-AD800_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD800 AD-AD800 Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com