Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW149RB15XXX01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW149RB15XXX01
Description  Universal 12 Watt Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW149RB15XXX01 Datasheet(HTML) 2 Page - SL Power Electronics

  PW149RB15XXX01 Datasheet HTML 1Page - SL Power Electronics PW149RB15XXX01 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PW149RB
Universal 12 Watt Series
ITE / Switch Mode Power Supply
Output
Max
Ault Part Number
Voltage
Min
Max
Watts
PW149RB05XXX01
5V
0.00A
2.00A
10.0W
PW149RB09XXX01
9V
0.00A
1.30A
12.0W
PW149RB12XXX01
12V
0.00A
1.00A
12.0W
PW149RB15XXX01
15V
0.00A
0.80A
12.0W
PW149RB18XXX01
18V
0.00A
0.67A
12.0W
PW149RB24XXX01
24V
0.00A
0.50A
12.0W
PW149RB33XXX01
33V
0.00A
0.36A
12.0W
PW149RB48XXX01
48V
0.00A
0.25A
12.0W
Output Currents
PinoutCode
Centercontact:positive
Description
Switchcraft760plugorequivalent
SuggestedMating
Switchcraft712Ajackorequivalent
OtherConnectorsareavailablebyspecialorder
Pin Connections
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone:805.486.4565 Fax:805.487.8911 Email:info@slpower.com www.slpower.com
DataSheet©2008SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.6/9/08
PW149
R
B
48
XX
X
01
Product
Manufacturing
Design
Voltage
Connector
Input
Standard
Family
Location
Revision
DC
Number
Configuration/
(nomodifications
Name
Changes
ModelType
orspecialpackaging)
Ault Part Number Key
SpecifytheInputConfigurationCodeinyourorder.
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
TheEnergyIndependenceandSecurityActof2007waspassedinDecember
of2007andaddressesminimumefficiencystandardsandstandbylevels
forClassAexternalpowersuppliesthatare250wattsandunder.Thislaw
stipulatesthatexternalpowersuppliesmanufacturedonJuly1,2008and
beyondmeetcertainminimumefficiencyandstandbycriteriaasdefined
below.
MinimumEfficiencyCriteria
Activemodeisdefinedaswhenapowersupply’sinputisconnectedtoline
voltageACanditsoutputisconnectedtoaDCorACloaddrawingaportion
oftheproduct’spoweroutput.Dependingonthepowerratingforthepower
supply,itmustmeettheminimumefficiencycriteriaoutlinedbelow.
Energy-EfficiencyCriteriaforActiveMode:
outputpoweron
minimumaverage
adapterlabel
efficiencypercentage
0to≤lessthan1watt
≥0.50*outputpoweronadapterlabel
>1to≤51watts
≥[0.09*Ln(outputpoweronadapter
label)]+0.50
>51watts
≥0.85
Thepowersupplymustalsomeetarequirementforwhenitsinputis
connectedtoalinevoltageACbutitsoutputisnotconnectedtoaload.
Dependingonthepoweroutputofthesupply,itmustkeepitsenergy
consumptionbelowthefollowingvalues.
EnergyConsumptionCriteriaforNoLoadMode:
outputpoweron
maximumpowerconsumption
adapterlabel
inno-loadmode
0to<250watts
≤0.5watts
2007 Energy Independence and Security Act – EISA


Similar Part No. - PW149RB15XXX01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW149RB15 SLPOWER-PW149RB15 Datasheet
342Kb / 2P
   ITE / Switch Mode Power Supply
More results

Similar Description - PW149RB15XXX01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW117 SLPOWER-MW117 Datasheet
107Kb / 2P
   UNIVERSAL 6-12 WATT SERIES
logo
Volgen Kaga Electronics...
KTPS12-24005WA-VI-P1 VOLGEN-KTPS12-24005WA-VI-P1 Datasheet
492Kb / 3P
   12 Watt Universal Input, Wall Mount Adapter
KTPS12-12010WA-VI-P1 VOLGEN-KTPS12-12010WA-VI-P1 Datasheet
492Kb / 3P
   12 Watt Universal Input, Wall Mount Adapter
logo
SL Power Electronics
PW152 SLPOWER-PW152 Datasheet
350Kb / 2P
   Universal 50 Watt Series
PW153KB SLPOWER-PW153KB Datasheet
309Kb / 2P
   Universal 40 Watt Series
PW148RB SLPOWER-PW148RB Datasheet
322Kb / 2P
   Universal 19.2 Watt Series
PW173KB SLPOWER-PW173KB Datasheet
185Kb / 3P
   Universal 20 ??32 Watt Series
logo
TRACO Electronic AG
TEL12 TRACOPOWER-TEL12 Datasheet
942Kb / 4P
   TEL 12 Series, 12 Watt
Rev. November 30, 2022
logo
SL Power Electronics
MENT1150 SLPOWER-MENT1150 Datasheet
259Kb / 2P
   Universal Input 150 Watt Series
PW170KB SLPOWER-PW170KB Datasheet
225Kb / 3P
   Universal 10 ??15 Watt Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com