Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4400SC Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # R4400SC
Description  A MIPS R4400 RISC Microprocessor Multichip Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

R4400SC Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button R4400SC Datasheet HTML 3Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 4Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 5Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 6Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 7Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 8Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 9Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 10Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
SCD4430 Rev A 11/18/96
R4400PC — PGA — Pinouts (See Alternate Package Figure)
Function
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Coldreset
T14
SysAD14
D17
SysAD59
V15
Vcc
L18
ExtRqst
U2
SysAD15
EIB
SysAD60
T15
Vcc
M1
Fault
B16
SysAD16
K2
SysAD61
U17
Vcc
N18
Reserved
U10
SysAD17
M2
SysAD62
N16
Vcc
R1
Vcc
T9
Syr.AD18
Pi
SysAD63
N17
Vcc
T18
IOIn
T13
SysAD19
P3
SysADC0
C8
Vcc
Ul
IOOut
U12
SysAD20
T2
SysADC1
G17
Vcc
V3
Int0
N2
SysAD21
T4
SysADC2
T8
Vcc
V6
Intl
L3
SysAD22
U5
SysADC3
L16
Vcc
V8
Int2
K3
SysAD23
U6
SysADC4
B8
Vcc
V10
Int3
J3
SysAD24
U9
SysADC5
H16
Vcc
V12
Int4
H3
SysAD25
Ull
SysADC6
U8
Vcc
V14
lnt5
F2
SysAD26
T12
SysADC7
L17
Vcc
V17
JTCK
H17
SysAD27
U14
SysCmd0
E2
Vss
A3
JTDI
G16
SysAD28
U15
SysCmd1
D3
Vss
A6
JTDO
F16
SysAD29
T16
SysCmd2
B2
Vss
A8
JTMS
E16
SysAD30
R17
SysCmd3
A5
Vss
A10
MasterClock
J17
SysAD31
M16
SysCmd4
B7
Vss
A12
MasterOut
P17
SysAD32
H2
SysCmd5
C9
Vss
A14
ModeClock
B4
SysAD33
G3
SysCmd6
B10
Vss
A17
ModeIn
U4
SysAD34
F3
SysCmd7
B12
Vss
A18
NMI
U7
SysAD35
D2
SysCmd8
C13
Vss
B1
PLLCap0
....
SysAD36
C3
SysCmd9
C14
Vss
C18
PLLCap1
....
SysAD37
B3
TClock0
C17
Vss
D1
RClock0
T17
SysAD38
C6
TClockl
D16
Vss
F18
RClockl
R16
SysAD39
C7
VCCOk
M17
Vss
GI
RdRdy
T5
SysAD40
C10
ValidIn
P2
Vss
H18
Release
V5
SysAD41
C11
ValidOut
R3
Vss
J1
Reset
U16
SysAD42
B13
WrRdy
C5
Vss
K18
SyncIn
J16
SysAD43
A15
VccP
K17
Vss
Ll
SyncOut
P16
SysAD44
C15
VssP
K16
Vss
M18
SysADO
J2
SysAD45
B17
Vcc
A2
Vss
Nl
SysAD1
G2
SysAD46
E17
Vcc
A4
Vss
P18
SysAD2
El
SysAD47
F17
Vcc
A9
Vss
R18
SysAD3
E3
SysAD48
L2
Vcc
A11
Vss
Tl
SysAD4
C2
SysAD49
M3
Vcc
A13
Vss
U18
SysAD5
C4
SysAD50
N3
Vcc
A16
Vss
V1
SysAD6
B5
SysAD51
R2
Vcc
B18
Vss
V2
SysAD7
B6
SysAD52
T3
Vcc
C1
Vss
V4
SysAD8
B9
SysAD53
U3
Vcc
D18
Vss
V7
SysAD9
B11
SysAD54
T6
Vcc
Fl
Vss
V9
SysAD10
C12
SysAD55
T7
Vcc
G18
Vss
V11
SysAD11
B14
SysAD56
T10
Vcc
Hl
Vss
V13
SysAD12
B15
SysAD57
T11
Vcc
J18
Vss
V16
SysAD13
C16
SysAD58
U13
Vcc
K1
Vss
V18


Similar Part No. - R4400SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4400 ETC1-R4400 Datasheet
1Mb / 754P
   MIPS R4000 Microprocessor
More results

Similar Description - R4400SC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7410E16M-XBX WEDC-WED3C7410E16M-XBX Datasheet
485Kb / 13P
   RISC Microprocessor Multichip Package
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
   RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7558M-XBX WEDC-WED3C7558M-XBX Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7410E16M-XBHX WEDC-WED3C7410E16M-XBHX Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
logo
PMC-Sierra, Inc
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000C PMC-RM7000C Datasheet
37Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com