Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1417K6S Datasheet(PDF) 2 Page - Agere Systems

Part # 1417K6S
Description  NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1417K6S Datasheet(HTML) 2 Page - Agere Systems

  1417K6S Datasheet HTML 1Page - Agere Systems 1417K6S Datasheet HTML 2Page - Agere Systems 1417K6S Datasheet HTML 3Page - Agere Systems 1417K6S Datasheet HTML 4Page - Agere Systems 1417K6S Datasheet HTML 5Page - Agere Systems 1417K6S Datasheet HTML 6Page - Agere Systems 1417K6S Datasheet HTML 7Page - Agere Systems 1417K6S Datasheet HTML 8Page - Agere Systems 1417K6S Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NetLight 1417K6S 2.5 Gbits/s
Data Sheet, Rev. 1
1300 nm Laser Transceiver
September 2001
2
Agere Systems Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Qualification and Reliability
To help ensure high product reliability and customer satisfaction, Agere Systems is committed to an intensive qual-
ity program that starts in the design phase and proceeds through the manufacturing process. Optoelectronic mod-
ules are qualified to Agere Systems internal standards as well as other appropriate industry standards using MIL-
STD-883 test methods and procedures, and using sampling techniques consistent with
Telcordia ® requirements.
In addition, Agere Systems has been certified to be in full compliance with the latest
ISO ® 9001 Quality System
Standards.
Pin Information
Figure 1. 1417K6S Transceiver, 20-Pin Configuration (top view)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
05
V
Operating Temperature Range
TC
070
°C
Storage Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature/Time
250/10
°C/s
Operating Wavelength Range
λ
1.1
1.6
µm
6
7
8
9
10
15
14
13
12
11
TX
RX
1
2
3
4
5
20
19
18
17
16
1-967(F).d


Similar Part No. - 1417K6S

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
   NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
More results

Similar Description - 1417K6S

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
   NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
2417J4A AGERE-2417J4A Datasheet
127Kb / 10P
   NetLight 2417J4A 1300 nm Laser Gigabit Transceiver
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com