Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-S512K8N-020P4T Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT-S512K8N-020P4T
Description  ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S512K8N-020P4T Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT-S512K8N-020P4T Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S512K8N-020P4T Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S512K8N-020P4T Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S512K8N-020P4T Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S512K8N-020P4T Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S512K8N-020P4T Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S512K8N-020P4T Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S512K8N-020P4T Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Aeroflex Circuit Technology
SCD1664 REV C 5/10/00
Plainview NY (516) 694-6700
3
AC Characteristics
(VCC = 5.0V, VSS= 0V, Tc= -55°C to +125°C)
Read Cycle
Parameter
Sym
–017
Min Max
–020
Min Max
–025
Min Max
–035
Min Max
–045
Min Max
–055
Min Max
Units
Read Cycle Time
tRC
17
-
20
-
25
-
35
-
45
-
55
-
ns
Address Access Time
tAA
-
17
-
20
-
25
-
35
-
45
-
55
ns
Chip Select Access Time
tACS
-
17
-
20
-
25
-
35
-
45
-
55
ns
Output Hold from Address Change
tOH
0
-
0
-
0
-
0
-
0
-
0
-
ns
Output Enable to Output Valid
tOE
-
9
-
10
-
12
-
25
25
25
ns
Chip Select to Output in Low Z (1)
tCLZ
2
-
2
-
2
-
4
-
4
-
4
-
ns
Output Enable to Output in Low Z (1)
tOLZ
0
-
0
-
0
-
0
-
0
-
0
-
ns
Chip Deselect to Output in High Z (1)
tCHZ
-
9
-
10
-
12
-
15
-
20
-
20
ns
Output Disable to Output in High Z (1)
tOHZ
-
9
-
10
-
12
-
15
-
20
-
20
ns
Note 1. Guaranteed by design, but not tested
Write Cycle
Parameter
Sym
–017
Min Max
–020
Min Max
–025
Min Max
–035
Min Max
–045
Min Max
–055
Min Max
Units
Write Cycle Time
tWC
17
-
20
-
25
-
35
-
45
-
55
-
ns
Chip Select to End of Write
tCW
15
-
15
-
20
-
25
-
35
-
50
-
ns
Address Valid to End of Write
tAW
15
-
15
-
20
-
25
-
35
-
50
-
ns
Data Valid to End of Write
tDW
12
-
12
-
15
-
20
-
25
-
25
-
ns
Write Pulse Width
tWP
14
-
14
-
15
-
25
-
35
-
40
-
ns
Address Setup Time
tAS
2
-
2
-
2
-
2
-
2
-
2
-
ns
Address Hold Time
tAH
0
-
0
-
0
-
0
-
5
-
5
-
ns
Output Active from End of Write (1)
tOW
0
-
0
-
0
0
5
-
5
-
ns
Write to Output in High Z (1)
tWHZ
-
9
-
9
-
10
-
15
-
20
-
25
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
0
-
0
-
0
-
ns
Note 1. Guaranteed by design, but not tested
Data Retention Electrical Characteristics (Special Order Only)
(Tc = -55°C to +125°C)
Parameter
Sym
Test Conditions
ALL SPEEDS
Min
Typ
Max
Units
VCC for Data Retention
VDR
CE
≥ V
CC – 0.2V
2
-
5.5
V
Data Retention Current (1) ICCDR1
VCC = 3V
-
0.5
7.0
mA
Available in Low Power version. Call For Information.
Truth Table
Mode
CE
OE
WE
Data I/O
Power
Standby
H
X
X
High Z
Standby (deselect/power down)
Read
L
L
H
Data Out
Active
Output Disable
L
H
H
High Z
Active (deselected)
Write
L
X
L
Data In
Active


Similar Part No. - ACT-S512K8N-020P4T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S512K32V-017F2C AEROFLEX-ACT-S512K32V-017F2C Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S512K32V-017F2I AEROFLEX-ACT-S512K32V-017F2I Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S512K32V-017F2M AEROFLEX-ACT-S512K32V-017F2M Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S512K32V-017F2Q AEROFLEX-ACT-S512K32V-017F2Q Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S512K8N-020P4T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF128K8 AEROFLEX-ACTF128K8 Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com