Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW160XA1503F01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW160XA1503F01
Description  PW160 SWITCH-MODE POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW160XA1503F01 Datasheet(HTML) 2 Page - SL Power Electronics

  PW160XA1503F01 Datasheet HTML 1Page - SL Power Electronics PW160XA1503F01 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
In Case IEC320 type with ground
Connector
Input Configuration
PW160
ITE 15-48 W ATT SERIES
IEC320
w/ground
C14
(F)
Pinout Code
Center contact: positive
Description
Switchcraft 760 plug or equivalent
Suggested Mating
Switchcraft 712A jack or equivalent
Other Connectors are available by special order
Input
Voltage
100-250 VAC -10%, +6%
Line Frequency
47 - 63 Hz
Current
1.2 A max at 90VAC input
Protection
Internal primary current fuse,
Inrush limiting
Output
Combined Line, Load
+/-1% (excluding cord)
and Cross Regulation
Ripple
1% Vp-p max for output current
of > 0.175A
Transient Response
0.5msec. for 50% load change typical
Holdup Time
18 msec min @ 120VAC
80 msec min @ 240VAC
Protection
Overcurrent protection
Short circuit protection
Cord and Connector
(3V, 5V, and 7V model with 3.2 ft.
cord, other models with 6 ft. cord)
2 conductor, 18 AWG, Ault #3 connec-
tor. Requires overmolded ferrite core.
Other connectors are also available
Safety Approvals
Agency Listings
TUV/IEC EN60950, cULus 60950,
Australian, Japanese certification
available – extra fees apply
Electrical
Topology
Switching-fixed frequency flyback
Leakage Current
Less than 0.75mA at 265VAC 50 Hz
Efficiency
78% Min, 70% for 3V,5V
EMI
Complies with EMC Directives
MTBF
100,000 Calculated Hours
Environmental
Operating Temperature
0º to 40º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
4.20L x 2.60W x 1.46H (in)
107L x 66W x 37H (mm)
Case Material
94V0 polycarbonate; black is standard
color; other colors available - extra
charges may apply
Weight
10 ounces, 285 grams
(excluding cord)


Similar Part No. - PW160XA1503F01

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
PW10-100 RCD-PW10-100 Datasheet
39Kb / 1P
   GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
PW10-1000 RCD-PW10-1000 Datasheet
39Kb / 1P
   GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
PW10-1001 RCD-PW10-1001 Datasheet
39Kb / 1P
   GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
PW10-101 RCD-PW10-101 Datasheet
39Kb / 1P
   GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
PW10-102 RCD-PW10-102 Datasheet
39Kb / 1P
   GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
More results

Similar Description - PW160XA1503F01

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com