Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W1724CBBAH Datasheet(PDF) 1 Page - Agere Systems

Part # W1724CBBAH
Description  Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(W Series)?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

W1724CBBAH Datasheet(HTML) 1 Page - Agere Systems

  W1724CBBAH Datasheet HTML 1Page - Agere Systems W1724CBBAH Datasheet HTML 2Page - Agere Systems W1724CBBAH Datasheet HTML 3Page - Agere Systems W1724CBBAH Datasheet HTML 4Page - Agere Systems W1724CBBAH Datasheet HTML 5Page - Agere Systems W1724CBBAH Datasheet HTML 6Page - Agere Systems W1724CBBAH Datasheet HTML 7Page - Agere Systems W1724CBBAH Datasheet HTML 8Page - Agere Systems W1724CBBAH Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Optical Amplifier Platform, 1724-Type
Erbium-Doped Fiber Amplifier (W Series)
Data Sheet, Rev. 1
September 2001
Designed for use in DWDM applications, the standard
W1724-Type EDFA incorporates a DB-25 connector and a
microcontroller with TTL compatible alarm monitoring.
Features
s
Gain-flattened spectral response
s
High saturation output power, > 22 dBm
s
Low power consumption, < 12 W @ 45 °C
s
Low noise
s
Single 5 V operation
s
Wide input signal bandwidth
s
Wide operating temperature range, 0
°C to 65 °C
s
Optical input and output taps
s
Isolated input and output
s
Programmable input and output monitors
s
Connectorized single-mode fiber pigtail
s
Standard serial communication channels
Applications
s
Designed specifically for DWDM applications
s
Booster/power amplifier
s
Line amplifier
Description
The W1724-Type Erbium-Doped Fiber Amplifier
(EDFA) has been designed for use in DWDM applica-
tions and offers the following performance features:
s
Flat gain profile over a wide temperature range
s
Low noise figure
s
High output power
s
Automatic gain lock
The versatile W1724-Type EDFA operates over a
wide temperature range, exhibits extremely low
power dissipation, and offers a variety of alarms and
monitors. Optimum performance and system stability
are supported through the use of optical isolation at
the input and output. Optical input and output are
through single-mode fiber pigtails terminated with
optical connectors.
The EDFA incorporates optical input and output taps
that are monitored via an integral microcontroller.
Significant performance benefits are achieved with
the microcontroller, which stabilizes the temperature
of the pumps and maintains constant gain of the
amplifier.
Contact your Account Manager at Agere Systems
Inc. to discuss electrical or optical connector options
not listed in the Ordering Information section.


Similar Part No. - W1724CBBAH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W172DIP-1 ETC2-W172DIP-1 Datasheet
203Kb / 3P
   172DIP PCB Mount Miniature Reed Relay
W172DIP-141 ETC2-W172DIP-141 Datasheet
203Kb / 3P
   172DIP PCB Mount Miniature Reed Relay
W172DIP-145 ETC2-W172DIP-145 Datasheet
203Kb / 3P
   172DIP PCB Mount Miniature Reed Relay
W172DIP-146 ETC2-W172DIP-146 Datasheet
203Kb / 3P
   172DIP PCB Mount Miniature Reed Relay
W172DIP-147 ETC2-W172DIP-147 Datasheet
203Kb / 3P
   172DIP PCB Mount Miniature Reed Relay
More results

Similar Description - W1724CBBAH

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
MAFA-1000 EMCORE-MAFA-1000 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com