Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAWX4A0X Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # SAWX4A0X
Description  Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX4A0X Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SAWX4A0X Datasheet HTML 6Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 7Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 8Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 9Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 10Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 11Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 12Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 13Page - Seoul Semiconductor SAWX4A0X Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
서식번호 : SSC-QP-7-07-25 (Rev.00)
10
Rev. 00
Rev. 00
September
September 2011
2011
www.acriche.com
www.acriche.com
Table 6. Resistor and capacitor values in Figure 10 (230Vac)
N/A
N/A
1190 nF
980 nF
100 Ω
40 mA,rms
N/A
N/A
1430 nF
1180 nF
100 Ω
40 mA,rms
940 nF
880 nF
840 nF
800 nF
100 Ω
40 mA,rms
270 nF
270 nF
270 nF
270 nF
100 Ω
20 mA,rms
2 ea
420 nF
420 nF
420 nF
420 nF
100 Ω
30 mA,rms
570 nF
560 nF
560 nF
560 nF
100 Ω
40 mA,rms
240 nF
240 nF
240 nF
240 nF
100 Ω
20 mA,rms
1 ea
370 nF
370 nF
370 nF
370 nF
100 Ω
30 mA,rms
490 nF
490 nF
490 nF
490 nF
100 Ω
40 mA,rms
490 nF
460 nF
430 nF
420 nF
100 Ω
20 mA,rms
4 ea
60 Hz
1060 nF
850 nF
740 nF
670 nF
100 Ω
30 mA,rms
330 nF
330 nF
320 nF
320 nF
100 Ω
20 mA,rms
3 ea
540 nF
520 nF
500 nF
490 nF
100 Ω
30 mA,rms
780 nF
730 nF
700 nF
670 nF
100 Ω
40 mA,rms
330 nF
330 nF
330 nF
330 nF
100 Ω
20 mA,rms
2 ea
500 nF
500 nF
500 nF
500 nF
100 Ω
30 mA,rms
690 nF
680 nF
680 nF
680 nF
100 Ω
40 mA,rms
290 nF
290 nF
290 nF
290 nF
100 Ω
20 mA,rms
1 ea
440 nF
440 nF
440 nF
440 nF
100 Ω
30 mA,rms
590 nF
590 nF
590 nF
590 nF
100 Ω
40 mA,rms
640 nF
620 nF
600 nF
590 nF
100 Ω
30 mA,rms
400 nF
390 nF
390 nF
380 nF
100 Ω
20 mA,rms
3 ea
30 mA,rms
20 mA,rms
Target
Drive Current
(ILED = Iin)
50 Hz
Frequency
4 ea
LED#
1280 nF
1020 nF
890 nF
800 nF
100 Ω
590 nF
550 nF
520 nF
500 nF
100 Ω
230 Vac
D
C
B
A
Cin for VF bins
Rout
Input Voltage


Similar Part No. - SAWX4A0X

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX5B0X SEOUL-SAWX5B0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5D0X SEOUL-SAWX5D0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1A SEOUL-SAWX5X0X-1A Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1B SEOUL-SAWX5X0X-1B Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

Similar Description - SAWX4A0X

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
   Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJD-2D16W2P3 SEOUL-SMJD-2D16W2P3 Datasheet
563Kb / 14P
   Acrich2 120V 17W Module Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com