Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3201 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # AW3201
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AW3201 Datasheet(HTML) 4 Page - Seoul Semiconductor

  AW3201 Datasheet HTML 1Page - Seoul Semiconductor AW3201 Datasheet HTML 2Page - Seoul Semiconductor AW3201 Datasheet HTML 3Page - Seoul Semiconductor AW3201 Datasheet HTML 4Page - Seoul Semiconductor AW3201 Datasheet HTML 5Page - Seoul Semiconductor AW3201 Datasheet HTML 6Page - Seoul Semiconductor AW3201 Datasheet HTML 7Page - Seoul Semiconductor AW3201 Datasheet HTML 8Page - Seoul Semiconductor AW3201 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
4
Document No. : SSC-QP-7-07-24 (Rev.00)
Emitter
220V/230V
Pure White/Warm white
AW3220/AN3220
PCB
220V
Pure White/Warm white
AW3221/AN3221
PCB
230V
Pure White/Warm white
AW3231/AN3231
110V
100V
100V/110V
Operating Voltage [V]
AW3211/AN3211
AW3201/AN3201
AW3200/AN3200
Part Number
PCB
Pure White/Warm white
PCB
Pure White/Warm white
Emitter
Pure White/Warm white
Type
Color
2. Part Number of A3 products


Similar Part No. - AW3201

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AW3200 SEOUL-AW3200 Datasheet
673Kb / 22P
   compliantFeaturesApplications?ъ쭊Acriche series
AW3200 SEOUL-AW3200 Datasheet
595Kb / 19P
   Acriche series
logo
Shanghai awinic technol...
AW3206 AWINIC-AW3206 Datasheet
1Mb / 14P
   LIthIum-IonIzed P-MOSFET LIthIum Battery Charge
AW3206DNR AWINIC-AW3206DNR Datasheet
1Mb / 14P
   LIthIum-IonIzed P-MOSFET LIthIum Battery Charge
AW3208 AWINIC-AW3208 Datasheet
1Mb / 15P
   IonIzatIon mode lithium ion battery charging protection controller
More results

Similar Description - AW3201

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com