Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393100-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-1393100-4
Description  10 Amp Dual Coil Latching Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393100-4 Datasheet(HTML) 2 Page - Tyco Electronics

  2-1393100-4 Datasheet HTML 1Page - Tyco Electronics 2-1393100-4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
911
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Wiring Diagrams (Bottom Views)
.875 REF. TYP.
(22.23)
1.187 REF. TYP.
(30.15)
1.781 MAX. TYP.
(45.24)
3.56 MAX.
(90.4)
.44
± .03
(11.2
± .8)
1.25
± .03
(31.8
± .8)
2.406 MAX.
(61.11)
.56
± .03
(14.2
± .8)
2 HOLES
.157 DIA. REF.
(3.99)
.91 REF.
(23.1)
1.265
(32.13)
.165
(4.19)
1.496 REF.
(38.00)
.156" DIA.
(4) MTG. HOLES
(2 HOLES EACH
FOR END OR
BOTTOM MOUNTING.)
.250
(6.35)
.005 (0.127)
.010 (0.254)
.500
(12.7)
2.205 MAX.
(36.01)
1.812
± .015
(46.02
± 0.38)
1.375
(34.92)
.031 REF.
(0.79)
.25
(6.35)
3.22
(81.79)
1.609
(40.87)
Note: Shown with reset coil energized last.
KBP11
KBP17
9
13
12
10
14
16
15
17
18
8
6
4
2
7
5
3
20
19
1
Reset
Latch
KBP20
9 11
13
12
10
14
16
15
17
18
8
6
4
2
7
5
3
20
19
1
Reset
Latch
11
5
6
Latch
Reset
7
8
9
10
11
4
3
2
1
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
KBP-11AG-120
KBP-11DG-24
KBP-11DG-110
KBP-20AG-120
Outline Dimensions
Dust Cover
27E928 Socket
KB-Open Style
KB-17AG-120
KB-17DG-12
Ordering Information
Typical Part Number
B
KBP
-11
A
G
-24
1. Type:
KBP = Enclosed, dual coil latching relay.
KB = Open, dual coil latching relay.
2. Contact Arrangement:
11 = 2 Form C (DPDT)
17 = 4 Form C (4PDT)
20 = 5 Form C (5PDT)
3. Coil Input:
A = AC
D = DC
4. Contact Rating:
G = 10 amps @ 120VAC, 80% PF.
5. Coil Voltage:
12, 24, 48, 110VDC
Specify the same latch and release coil voltage for standard KBP
24, 120, 240VAC
relays. Unlike coils available on special order.


Similar Part No. - 2-1393100-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1393100-4 TEC-2-1393100-4 Datasheet
510Kb / 2P
   General Purpose Relays Industrial Relays
More results

Similar Description - 2-1393100-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-6 MACOM-2-1393100-6 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-7 MACOM-2-1393100-7 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-3 MACOM-2-1393100-3 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-9 MACOM-2-1393100-9 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-5 MACOM-2-1393100-5 Datasheet
154Kb / 2P
   10 Amp Dual CoiL Latching Relay
logo
Leach International Cor...
XCL LEACH-XCL Datasheet
660Kb / 5P
   RELAY – LATCHING 1PDT, LOW LEVEL TO 10 AMP
logo
CIT Relay & Switch
L115F1 CIT-L115F1 Datasheet
128Kb / 3P
   Single coil latching power relay
L115F2 CIT-L115F2 Datasheet
107Kb / 3P
   Single coil latching power relay
logo
Picker Components
PC12 PICKER-PC12 Datasheet
549Kb / 2P
   80 Amp PCB Latching Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com