Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2623Y Datasheet(PDF) 7 Page - Agere Systems

Part # 2623Y
Description  10 Gbits/s Lithium Niobate Electro-Optic Modulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

2623Y Datasheet(HTML) 7 Page - Agere Systems

  2623Y Datasheet HTML 1Page - Agere Systems 2623Y Datasheet HTML 2Page - Agere Systems 2623Y Datasheet HTML 3Page - Agere Systems 2623Y Datasheet HTML 4Page - Agere Systems 2623Y Datasheet HTML 5Page - Agere Systems 2623Y Datasheet HTML 6Page - Agere Systems 2623Y Datasheet HTML 7Page - Agere Systems 2623Y Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet
May 2001
10 Gbits/s Lithium Niobate Electro-Optic Modulator
7
Agere Systems Inc..
Package Information
Designed to NEBS (inside plant) standards, the hermetic package design incorporates a laser-sealed lid and sol-
dered fibers. The minimum bend radius for the fiber is 1.5 in. To prevent warping, use only the two center screws to
mount the device.
Ordering Information
Table 2. Package Information
Description
Type
Input Optical Fiber (all codes)
PANDA-type PMF
Output Optical Fiber:
2623N, 2623Y, 2623CS
2623CSA
PANDA-type PMF
Standard Single-mode
Fiber Connector
FC
Fiber Length
1.5 m max
RF Connector
SMA
Package Dimensions
See Outline Drawings, page 5, 6.
Table 3. Device Information
Part Number
Minimum
Bandwidth
(GHz)
Attenuator
C-Band
L-Band
Comcode
2623N
8
No
Yes
Yes
1077393100
2623Y
9
No
Yes
Yes
108864604
2623CS
10
No
Yes
Yes
107862823
2623CSA
8
Yes
Yes
Yes
108433954


Similar Part No. - 2623Y

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2623 KR-2623 Datasheet
49Kb / 2P
   Bandpass Filter
logo
Heyco.
2623 HEYCO-2623 Datasheet
136Kb / 1P
   Halogen and Phosphorus-Free 94V-0 Hole Plugs
logo
Winchester Electronics ...
26237 WINCHESTER-26237 Datasheet
93Kb / 1P
   SRE SOCKET CONNECTOR ASSEMBLY
logo
Chicago Miniature Lamp,...
2623T5 CML-2623T5 Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
logo
Visual Communications C...
2623T5 VCC-2623T5 Datasheet
63Kb / 1P
   Non-Relampable Neon Indicator Light
More results

Similar Description - 2623Y

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2625C AGERE-2625C Datasheet
60Kb / 4P
   40 Gbits/s Lithium Niobate Electro-Optic Modulator
logo
Emcore Corporation
EMP-1 EMCORE-EMP-1 Datasheet
274Kb / 1P
   Lithium-Niobate Fiber Optic Gyroscopes
EMP-1 EMCORE-EMP-1_16 Datasheet
473Kb / 1P
   Lithium-Niobate Fiber Optic Gyroscopes (FOG)
EMP-12K EMCORE-EMP-12K Datasheet
384Kb / 1P
   EMP-1.2K Lithium-Niobate Fiber Optic Gyroscopes
EMP-1.2K-FOG EMCORE-EMP-1.2K-FOG_16 Datasheet
922Kb / 2P
   Lithium-Niobate
logo
Agere Systems
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
JDS Uniphase Corporatio...
10022467 JDSU-10022467 Datasheet
96Kb / 4P
   2x2 High Speed Lithium Niobate Interferometric Switch
logo
Agere Systems
D1861A AGERE-D1861A Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
E2560 AGERE-E2560 Datasheet
637Kb / 6P
   E2560/E2580-Type 10 Gbits/s EML Modules
D1861D AGERE-D1861D Datasheet
86Kb / 6P
   D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com