Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2650B Datasheet(PDF) 2 Page - Agere Systems

Part # 2650B
Description  2650A/B Broadband Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

2650B Datasheet(HTML) 2 Page - Agere Systems

  2650B Datasheet HTML 1Page - Agere Systems 2650B Datasheet HTML 2Page - Agere Systems 2650B Datasheet HTML 3Page - Agere Systems 2650B Datasheet HTML 4Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Data Sheet, Rev.1
2650A/B Broadband Photodiode
April 2001
Agere Systems Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Characteristics
1. Two laser test at 1310 nm. Each laser has 40% modulation index. Total received power is 0 dBm. Distortion products measured at 80 MHz,
450 MHz, 600 MHz, 850 MHz, and 1000 MHz.
Parameter
Symbol
Min
Max
Unit
Operating Temperature Range
TOP
–40
85
°C
Storage Temperature Range
Tstg
–40
85
°C
Input Power Saturation
PIN
—10
mW
Reverse Voltage
VR
—30
V
Forward Current
IF
—10
mA
Power Dissipation
PDISS
—<100
mW
Table 1. Electrical/Optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Optical Wavelength Range
λ
1100
1600
nm
Responsivity
>0.85 at 1310 nm,
>0.95 at 1550 nm
mA/mW
mA/mW
Frequency Range
F
1
1000
MHz
Frequency Response
±0.5
dB
Distortion Products:1
Composite Second Order
Composite Triple Beat
CSO
CTB
≤–75
≤–85
dBc
dBc
Back Reflection
RL
≤–40
dB
Dark Current
ID
≤5 at 25 °C—
nA
Capacitance
≤0.6
pF
Bandwidth
BW
1.0
GHz


Similar Part No. - 2650B

ManufacturerPart #DatasheetDescription
logo
Heyco.
2650 HEYCO-2650 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
Littelfuse
265001 LITTELFUSE-265001 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
265002 LITTELFUSE-265002 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
265003 LITTELFUSE-265003 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
265004 LITTELFUSE-265004 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
More results

Similar Description - 2650B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N Datasheet
528Kb / 6P
   Broadband Photodiode
2651A-020-038-N EMCORE-2651A-020-038-N_12 Datasheet
348Kb / 6P
   Broadband Photodiode
2611A EMCORE-2611A Datasheet
874Kb / 4P
   Broadband Photodiode Module
2609B EMCORE-2609B Datasheet
938Kb / 4P
   Broadband Photodiode Module
logo
Agere Systems
2609C AGERE-2609C Datasheet
49Kb / 4P
   2609C Broadband Photodiode Module
2611A AGERE-2611A Datasheet
49Kb / 4P
   2611A Broadband Photodiode Module
logo
Emcore Corporation
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
   2609B Broadband Photodiode Module
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com