Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

269-1 Datasheet(PDF) 1 Page - Agere Systems

Part # 269-1
Description  269-Type 14xx nm Pump Laser Module with Fiber Grating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

269-1 Datasheet(HTML) 1 Page - Agere Systems

  269-1 Datasheet HTML 1Page - Agere Systems 269-1 Datasheet HTML 2Page - Agere Systems 269-1 Datasheet HTML 3Page - Agere Systems 269-1 Datasheet HTML 4Page - Agere Systems 269-1 Datasheet HTML 5Page - Agere Systems 269-1 Datasheet HTML 6Page - Agere Systems 269-1 Datasheet HTML 7Page - Agere Systems 269-1 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
269-Type 14xx nm Pump Laser Module
with Fiber Grating
Data Sheet
June 2001
Offering superior wavelength stability, the 269-type pump
laser module with fiber grating is designed as a continuous-
wave (CW) optical pump source for erbium-doped fiber ampli-
fiers and Raman pump modules.
Features
s
High-coupled rated output power up to 280 mW,
CW
s
Available with fiber grating for wavelength stability
(1420 nm—1510 nm)
s
Wide environmental range
s
Field-proven packaging technology
s
InGaAsP/InP high-power, strained multiple quan-
tum-well (MQW) chip design
s
Internal thermoelectric cooler (TEC)
s
InGaAs PIN photodetector back-facet monitor
s
Single-mode and polarization-maintaining fiber pig-
tails
s
Compact, 14-pin butterfly package
s
Industry compatible package and pinout
Applications
s
Raman pump modules (RPM)
s
Erbium-doped fiber amplifiers (EDFA)
Description
The 269-type pump laser module with fiber grating
represents a family of thermoelectrically cooled,
high-power lasers. These modules utilize a fiber
Bragg grating to achieve stable wavelength perfor-
mance within the 1420 nm to 1510 nm range, over
the full operating temperature range. They are
designed as continuous-wave (CW) optical pump
sources for dense wavelength-division multiplexing
(DWDM) EDFA and Raman applications operating in
the C- and L-bands. The 269-type laser modules with
polarization-maintaining fiber are particularly suitable
for use in RPM designs requiring the high-power
combinations of multiple pumps.
The laser optical spectrum is locked by the fiber grat-
ing over a wide optical power range. The optical
spectrum is very narrow and the peak wavelength is
nearly insensitive to temperature variations and back
reflections.
The laser modules incorporate a high-power, quan-
tum-well laser chip that achieves grating-stabilized
fiber powers ranging to 280 mW.
An integral thermoelectric cooler (TEC) stabilizes the
laser at room temperature and, combined with a her-
metic environment, allows the device to achieve
high-power operation over the extended temperature
range of 0 °C to 75 °C. An internal InGaAs PIN pho-
todiode, mounted behind the laser diode, functions
as the laser detector and monitors light emissions
from the rear facet of the laser.
The 269-type module is offered in a 14-pin, hermetic
butterfly package.


Similar Part No. - 269-1

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
269-12.0M-20-S-TR OSCILENT-269-12.0M-20-S-TR Datasheet
133Kb / 2P
   2 Pad Quartz Crystal
More results

Similar Description - 269-1

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269 AGERE-269 Datasheet
85Kb / 8P
   269-Type 1480 nm Pump Laser Module
269-2 AGERE-269-2 Datasheet
95Kb / 8P
   69-Type 14xx nm DFB Pump Laser Module
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
logo
Finisar Corporation.
1012200 FINISAR-1012200 Datasheet
43Kb / 1P
   14XX Pump-Pump Combiner
logo
JDS Uniphase Corporatio...
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com