Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F1288N-120P4Q Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-F1288N-120P4Q
Description  ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F1288N-120P4Q Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-F1288N-120P4Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F1288N-120P4Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F1288N-120P4Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F1288N-120P4Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F1288N-120P4Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F1288N-120P4Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F1288N-120P4Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F1288N-120P4Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F1288N-120P4Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Aeroflex Circuit Technology
SCD1676 REV A 5/6/98
Plainview NY (516) 694-6700
2
hermetically sealed ceramic packages; a
32 lead .82" x .41" x .125" flat package in
both formed or unformed leads or a 32 pin
1.6"x.60" x.20" DIP package for operation
over
the temperature range
-55°C to
+125°C
and
military
environmental
conditions.
The flash memory is organized as
128Kx8
bits and is designed to be
programmed in-system with the standard
system 5.0V Vcc supply. A 12.0V VPP is
not required for write or erase operations.
The device can also be reprogrammed with
standard EPROM programmers (with the
proper socket).
The
standard
ACT–F128K8
offers
access times between 60ns and 150ns,
allowing
operation
of
high-speed
microprocessors without wait states. To
eliminate bus contention, the device has
separate chip enable (CE), write enable
(WE) and output enable (OE) controls. The
ACT–F128K8 is command set compatible
with JEDEC standard 1 Mbit EEPROMs.
Commands are written to the command
register
using
standard
microprocessor
write timings. Register contents serve as
input to an internal state-machine which
controls
the
erase
and
programming
circuitry. Write cycles also internally latch
addresses
and
data
needed
for
the
programming and erase operations.
Reading data out of the device is similar
to reading from 12.0V Flash or EPROM
devices. The ACT–F128K8 is programmed
by
executing
the
program
command
sequence. This will invoke the Embedded
Program Algorithm which is an internal
algorithm
that
automatically
times
the
program pulse widths and verifies proper
cell margin. Typically, each sector can be
programmed and verified in less than 0.3
second.
Erase
is
accomplished
by
executing the erase command sequence.
This will invoke the Embedded Erase
Algorithm which is an internal algorithm
that automatically preprograms the array, (if
it is not already programmed before)
executing
the
erase
operation.
During
erase, the device automatically times the
erase pulse widths and verifies proper cell
margin.
Also the device features a sector erase
architecture. The sector mode allows for
16K byte blocks of memory to be erased
and reprogrammed without affecting other
blocks. The ACT-F128K8 is erased when
shipped from the factory.
The device features single 5.0V power
supply operation for both read and write
functions.
lnternally
generated
and
regulated voltages are provided for the
program and erase operations. A low VCC
detector
automatically
inhibits
write
operations on the loss of power. The end of
program or erase is detected by Data
Polling of D7 or by the Toggle Bit feature on
D6. Once the end of a program or erase
cycle has been completed, the device
internally resets to the read mode.
All bits of each die, or all bits within a
sector
of
a
die,
are
erased
via
Fowler-Nordhiem
tunneling.
Bytes
are
programmed one byte at a time by hot
electron injection.
A DESC Standard Military Drawing
(SMD) number is pending.
General Description, Cont’d,


Similar Part No. - ACT-F1288N-120P4Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F128K32N-060F5C AEROFLEX-ACT-F128K32N-060F5C Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5I AEROFLEX-ACT-F128K32N-060F5I Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5M AEROFLEX-ACT-F128K32N-060F5M Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5Q AEROFLEX-ACT-F128K32N-060F5Q Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5T AEROFLEX-ACT-F128K32N-060F5T Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
More results

Similar Description - ACT-F1288N-120P4Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
   ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com