Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

269-A Datasheet(PDF) 5 Page - Agere Systems

Part # 269-A
Description  69-Type 14xx nm DFB Pump Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

269-A Datasheet(HTML) 5 Page - Agere Systems

  269-A Datasheet HTML 1Page - Agere Systems 269-A Datasheet HTML 2Page - Agere Systems 269-A Datasheet HTML 3Page - Agere Systems 269-A Datasheet HTML 4Page - Agere Systems 269-A Datasheet HTML 5Page - Agere Systems 269-A Datasheet HTML 6Page - Agere Systems 269-A Datasheet HTML 7Page - Agere Systems 269-A Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet
June 2001
269-Type 14xx nm DFB Pump Laser Module
5
Agere Systems Inc.
User Information
* A positive input into this pin cools the laser.
Fiber Characteristics
s
Length of fiber pigtail:
— 1.75 m ± 0.25 m
s
Standard fiber:
— Cladding OD: 125
µm ± 2 µm
— Acrylate buffer OD: 250
µm ± 15 µm
— Cut off wavelength: <1320 nm
s
Polarization-maintaining fiber:
— PANDA
— Cut off wavelength: <1400 nm
— Acrylate buffer: 400
µm
Table 4. Pin Information
Pin
Number
Connection
1
TE Cooler (+)*
2
Thermistor
3
Monitor Anode (–Bias)
4
Monitor Cathode (+Bias)
5
Thermistor
6
No Connect
7
No Connect
8
No Connect
9
No Connect
10
Laser Anode (+)
11
Laser Cathode (–)
12
No Connect
13
Package Ground
14
TEC Cooler (–)
Mounting and Connections
CAUTION: This device is susceptible to damage as
a result of electrostatic discharge.
Proper precautions should be taken
during both handling and testing.
The base of the laser module (see Outline Diagram)
should be maintained at or below 75 °C (maximum)
during operation. Interfaces between the laser module
base and heat sink must be clean, and the use of a
thermal filler may be necessary.
Mounting Instructions
The minimum fiber bend radius is 1.0 in.
To avoid degradation in performance, mount the mod-
ule on the board as follows:
1. Place the bottom flange of the module on a flat heat
sink at least 0.5 in. x 1.180 in. (12.7 mm x 30 mm)
in size. The surface finish of the heat sink should be
better than 32
µin. (0.8 µm), and the surface flat-
ness must be better than 0.001 in. (25.4
µm). Using
thermal conductive grease is optional; however,
thermal performance may be improved if conductive
grease is applied between the bottom flange and
the heat sink.
2. Mount four #2-56 screws with Fillister heads
(M2-3 mm) at the four screw hole locations (see
Outline Diagram). The Fillister head diameter must
not exceed 0.140 in. (3.55 mm). Do not apply more
than 1 in./lb. of torque to the screws.
Figure 1. Circuit Schematic
1-675 (F).i
7
6
54
32
1
8
9
10
11
12
13
14
TH 10 k
TEC
ISOLATOR
+
+
(OPTIONAL)


Similar Part No. - 269-A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-A AGERE-269-A Datasheet
85Kb / 8P
   269-Type 14xx nm Pump Laser Module with Fiber Grating
269-A AGERE-269-A Datasheet
85Kb / 8P
   269-Type 1480 nm Pump Laser Module
More results

Similar Description - 269-A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
   269-Type 14xx nm Pump Laser Module with Fiber Grating
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Agere Systems
269 AGERE-269 Datasheet
85Kb / 8P
   269-Type 1480 nm Pump Laser Module
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com