Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7005-1 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7005-1
Description  1 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7005-1 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7005-1 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7005-1 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7005-1 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/1db-fixed-sma-female-sma-male-2-watts-attenuator-pe7005-1-p.aspx
1 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
1 dB Fixed Attenuator, SMA Male To SMA Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-1
PE7005-1 REV


Similar Part No. - PE7005-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7005-1 PASTERNACK-PE7005-1 Datasheet
241Kb / 3P
   1 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-10 PASTERNACK-PE7005-10 Datasheet
258Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Rated To 2 Watts Up To 18 GHz
PE7005-10 PASTERNACK-PE7005-10 Datasheet
241Kb / 3P
   10 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-10 PASTERNACK-PE7005-10_16 Datasheet
241Kb / 3P
   10 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-12 PASTERNACK-PE7005-12 Datasheet
260Kb / 3P
   12 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
More results

Similar Description - PE7005-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7005-2 PASTERNACK-PE7005-2 Datasheet
260Kb / 3P
   2 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-15 PASTERNACK-PE7005-15 Datasheet
259Kb / 3P
   15 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-7 PASTERNACK-PE7005-7 Datasheet
260Kb / 3P
   7 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-4 PASTERNACK-PE7005-4 Datasheet
260Kb / 3P
   4 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-40 PASTERNACK-PE7005-40 Datasheet
259Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-9 PASTERNACK-PE7005-9 Datasheet
260Kb / 3P
   9 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-5 PASTERNACK-PE7005-5 Datasheet
260Kb / 3P
   5 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-30 PASTERNACK-PE7005-30 Datasheet
259Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-8 PASTERNACK-PE7005-8 Datasheet
260Kb / 3P
   8 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-12 PASTERNACK-PE7005-12 Datasheet
260Kb / 3P
   12 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com