Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E2M32C-090F18M Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-E2M32C-090F18M
Description  ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E2M32C-090F18M Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-E2M32C-090F18M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E2M32C-090F18M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E2M32C-090F18M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E2M32C-090F18M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E2M32C-090F18M Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E2M32C-090F18M Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E2M32C-090F18M Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E2M32C-090F18M Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E2M32C-090F18M Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Aeroflex Circuit Technology
SCD1666A REV A 9/12/97 Plainview NY (516) 694-6700
2
The ACT-F2M32A is packaged in a hermetically sealed co-fired ceramic 68 lead, .94"
SQ Ceramic Gull Wing CQFP package. This allows operation in a military environment
temperature range of -55°C to +125°C.
The ACT-F2M32A can be programmed (both read and write functions) in-system using
the +5.0V VCC power supply.
A 12.0V VPP is not required for programming or erase
operations. The end of program or erase is detected by the RY/BY pin, Data Polling of
DQ7, or by the Toggle bit (DQ6).
The ACT-F2M32A also has a hardware RESET pin. When this pin is driven low,
execution of any Embedded Program Alggorithm or Embedded Erase Algorithm will be
terminated.
Each block can be independently erased and programmed 100,000 times at +25°C.
For Detail Information regarding the operation of the Am29F016 Sector Erase Flash
Memory, see the AMD datasheet (Publication 18805).
General Description, Cont’d,


Similar Part No. - ACT-E2M32C-090F18M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E128K32C-120F2C AEROFLEX-ACT-E128K32C-120F2C Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2I AEROFLEX-ACT-E128K32C-120F2I Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2M AEROFLEX-ACT-E128K32C-120F2M Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2Q AEROFLEX-ACT-E128K32C-120F2Q Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2T AEROFLEX-ACT-E128K32C-120F2T Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
More results

Similar Description - ACT-E2M32C-090F18M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com