Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4128 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4128
Description  SMA Female Connector Solder Attachment 2 Hole Panel Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter, Gold Plated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4128 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4128 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4128 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4128 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
URL: http://www.pasternack.com/sma-female-standard-stub-terminal-connector-pe4128-p.aspx
SMA Female Connector Solder Attachment 2 Hole Panel Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter, Gold
Plated from Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99%
availability of the industry’s broadest selection of RF, microwave and fiber optic products.
SMA Female Connector Solder Attachment 2 Hole Panel Stub
Terminal, .481 inch Hole Spacing, .050 inch Diameter, Gold Plated
PE4128
PE4128 REV


Similar Part No. - PE4128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4128 PASTERNACK-PE4128 Datasheet
356Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE4128-SF PASTERNACK-PE4128-SF Datasheet
355Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4128-SF PASTERNACK-PE4128-SF_16 Datasheet
355Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
More results

Similar Description - PE4128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
   SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE4001 PASTERNACK-PE4001 Datasheet
253Kb / 2P
   SMA Female Connector Solder Attachment 2 Hole Panel Stub Terminal, .481 inch Hole Spacing, .010 inch Diameter
PE44340 PASTERNACK-PE44340 Datasheet
247Kb / 2P
   SMA Female Connector Compression Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing
PE4127 PASTERNACK-PE4127_16 Datasheet
347Kb / 3P
   SMA Male Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE4127 PASTERNACK-PE4127 Datasheet
377Kb / 3P
   SMA Male Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE4099 PASTERNACK-PE4099 Datasheet
252Kb / 2P
   SMA Female Connector Solder Attachment 4 Hole Panel Stub Terminal, .340 inch Hole Spacing
PE4370 PASTERNACK-PE4370 Datasheet
235Kb / 2P
   SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4004 PASTERNACK-PE4004 Datasheet
254Kb / 2P
   SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE44343 PASTERNACK-PE44343 Datasheet
344Kb / 3P
   SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing 27 GHz Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com