Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1112NC Datasheet(PDF) 3 Page - Agere Systems

Part # A1112NC
Description  A1112 High-Power 1550 nm DFB Source Lasers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

A1112NC Datasheet(HTML) 3 Page - Agere Systems

  A1112NC Datasheet HTML 1Page - Agere Systems A1112NC Datasheet HTML 2Page - Agere Systems A1112NC Datasheet HTML 3Page - Agere Systems A1112NC Datasheet HTML 4Page - Agere Systems A1112NC Datasheet HTML 5Page - Agere Systems A1112NC Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Agere Systems Inc.
Data Sheet
January 2001
A1112 High-Power 1550 nm DFB Source Lasers
Electrical/Optical Characterisitics (continued)
Figure 1. A1112 Laser Positive Bias Ciicuit Schematic
Figure 2. A1112 Laser Negative Bias Ciicuit Schematic
TEC
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CASE
GROUND
(+)
(–)
NC
CASE
GROUND
NC
CASE
GROUND
TEC
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CASE
GROUND
(+)
(–)
CASE
GROUND
NC
CASE
GROUND
CASE
GROUND
NC
1-1232(F)
1-1232(F).a


Similar Part No. - A1112NC

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A1112RW MPD-A1112RW Datasheet
171Kb / 2P
   Miniature, 10W DIP Single & Dual Output DC/DC Converters
More results

Similar Description - A1112NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
   1550 nm DFB LASER DIODES
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
logo
California Eastern Labs
NX8571 CEL-NX8571 Datasheet
793Kb / 14P
   1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
Emcore Corporation
1742 EMCORE-1742 Datasheet
719Kb / 4P
   1742 18 GHz 1550 nm Microwave DFB Laser
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com