Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-E128K32C-140P3T Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT-E128K32C-140P3T
Description  ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E128K32C-140P3T Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button ACT-E128K32C-140P3T Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E128K32C-140P3T Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E128K32C-140P3T Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E128K32C-140P3T Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E128K32C-140P3T Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E128K32C-140P3T Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E128K32C-140P3T Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E128K32C-140P3T Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-E128K32C-140P3T Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
A
A
Aeroflex Circuit Technology
SCD1662 REV B 9/5/01 Plainview NY (516) 694-6700
6
Data Polling Characteristics
(VCC = 5V, VSS = 0V, TC = -55°C to +125°C)
Parameter
Symbol
Min
Max
Units
Data Hold Time
tDH
10
ns
OE Hold Time
tOEH
10
ns
OE to Output Valid
tOE
55
ns
Write Recovery Time
tWR
0ns
Guaranteed. But not tested.
IOL
Parameter
Typical
Units
Input Pulse Level
0 – 3.0
V
Input Rise and Fall
5
ns
Input and Output Timing Reference Level
1.5
V
Output Lead Capacitance
50
pF
Notes:
1) VZ is programmable from -2V to +7V. 2) IOL and IOH programmable from 0 to 16 mA. 3) Tester Impedance ZO =75
Ω. 4) VZ is typically the
midpoint of VOH and VOL. 5) IOL and IOH are adjusted to simulate a typical resistance load circuit. 6) ATE Tester includes jig capacitance.
IOH
To Device Under Test
VZ ~ 1.5 V
Current Source
Current Source
CL =
50 pF
Figure 1
AC Test Circuit
Write Waveforms – WE Controlled
Figure 2
DATA IN
ADDRESS
CE
WE
OE
tAS
tOES
tWP
tCE
tOEH
tCEH
tWPH
tDH
tDS
tAH
tWC
(Bipolar Supply)


Similar Part No. - ACT-E128K32C-140P3T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E1M32B-080F14C AEROFLEX-ACT-E1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14I AEROFLEX-ACT-E1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14M AEROFLEX-ACT-E1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14Q AEROFLEX-ACT-E1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14T AEROFLEX-ACT-E1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-E128K32C-140P3T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com