Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F2M32C-120F18M Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-F2M32C-120F18M
Description  ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F2M32C-120F18M Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-F2M32C-120F18M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F2M32C-120F18M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F2M32C-120F18M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F2M32C-120F18M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F2M32C-120F18M Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F2M32C-120F18M Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F2M32C-120F18M Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F2M32C-120F18M Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F2M32C-120F18M Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Aeroflex Circuit Technology
SCD1666A REV A 9/12/97 Plainview NY (516) 694-6700
5
AC Characteristics – Write/Erase/Program Operations – CE Controlled
(TC = -55
°C to +125°C, VCC = +4.5V to + 5.5V, Unless otherwise specified)
Parameter
Parameter
Symbol
Standard
Parameter
Symbol
JEDEC
90ns
120ns
150ns
Units
Min
Max
Min
Max
Min
Max
Write Cycle Time (1)
tWC
tAVAV
90
120
150
ns
Address Setup to CE Going Low
tAS
tAVEL
0
0
0
ns
Address Hold Time from CE Low
tAH
tELAX
45
50
50
ns
Data Setup to CE Going High
tDS
tDVEH
45
50
50
ns
Data Hold Time from CE High
tDH
tEHDX
0
0
0
ns
Output Enable Setup Time (1)
tOES
0
0
0
ns
Output Enable Hold Time (1)
Read
tOEH
0
0
0
ns
Toggle Bit I and Data Polling
10
10
10
ns
Read Recover Time Before Write
(OE High to WE Low)
tGHEL
tGHEL
0
0
0
ns
CE Setup Time from WE Low
tWS
tWLEL
0
0
0
ns
WE Hold Time from CE High
tWH
tEHWH
0
0
0
ns
WE Pulse Width
tCP
tELEH
45
50
50
ns
WE Pulse Width High
tCPH
tELEL
20
20
20
ns
Byte Programming Operation
tWHWH1
tWHWH1
8
8
8
µs
Sector Erase Operation
tWHWH2
tWHWH2
15
15
15
Sec
Notes:
1. Not 100% tested.


Similar Part No. - ACT-F2M32C-120F18M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F1288N-060F6C AEROFLEX-ACT-F1288N-060F6C Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6I AEROFLEX-ACT-F1288N-060F6I Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6M AEROFLEX-ACT-F1288N-060F6M Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6Q AEROFLEX-ACT-F1288N-060F6Q Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6T AEROFLEX-ACT-F1288N-060F6T Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
More results

Similar Description - ACT-F2M32C-120F18M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com