Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA16A2FNN Datasheet(PDF) 3 Page - Agere Systems

Part # CA16A2FNN
Description  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CA16A2FNN Datasheet(HTML) 3 Page - Agere Systems

  CA16A2FNN Datasheet HTML 1Page - Agere Systems CA16A2FNN Datasheet HTML 2Page - Agere Systems CA16A2FNN Datasheet HTML 3Page - Agere Systems CA16A2FNN Datasheet HTML 4Page - Agere Systems CA16A2FNN Datasheet HTML 5Page - Agere Systems CA16A2FNN Datasheet HTML 6Page - Agere Systems CA16A2FNN Datasheet HTML 7Page - Agere Systems CA16A2FNN Datasheet HTML 8Page - Agere Systems CA16A2FNN Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Description (continued)
Figure 1 shows a simplified block diagram of the CA16-
Type transponder. This device is a bidirectional module
designed to provide a SONET or SDH compliant elec-
tro-optical interface between the SONET/SDH photonic
physical layer and the electrical section layer. The mod-
ule contains a wavelength-tunable (two channels at
100 GHz) 2.5 Gbits/s optical transmitter and a
2.5 Gbits/s optical receiver in the same physical pack-
age along with the electronics necessary to multiplex
and demultiplex sixteen 155 Mbits/s electrical channels.
Clock synthesis, clock recovery, and SONET/SDH
frame detection circuits are also included within the
module.
In the transmit direction, the transponder module multi-
plexes sixteen 155 Mbits/s PECL electrical data signals
into an optical signal at 2488.32 Mbits/s for launching
into optical fiber. An internal 2.488 GHz reference oscil-
lator is phase-locked to an external 155.52 MHz data
timing reference.
The optical transmitter is available at any ITU grid
wavelength with a 1.55 µm cooled DFB laser for long-
reach applications. The optical output signal is SONET
and ITU compliant for OC-48/STM-16 applications as
shown in Table 4, OC-48/STM-16Transmitter Optical
Characteristics.
In the receive direction, the transponder module
receives a 2488.32 Mbits/s optical signal and converts
it to an electrical signal, and then extracts a clock sig-
nal and demultiplexes the data into sixteen 155 Mbits/s
differential LVPECL data signals. When enabled, the
module can also detect SONET/SDH frame bound-
aries. The optical receiver is available with an APD
photodetector. The receiver operates over the wave-
length range of 1.1 µm to 1.6 µm and is fully compliant
to SONET/SDH OC-48/STM-16 physical layer specifi-
cations as shown in Table 5, OC-48/STM-16 Receiver
Optical Characteristics.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect reliability.
1. Human body model.
Parameter
Symbol
Min
Max
Unit
Operating Case Temperature Range
TC
075
°C
Storage Case Temperature Range
TS
–40
85
°C
Supply Voltage
–0.5
5.5
V
Voltage on Any LVPECL Pin
0
VCC
High-speed LVPECL Output Source Current
50
mA
Static Discharge Voltage1
ESD
500
V
Relative Humidity (noncondensing)
RH
85
%
Receiver Optical Input Power—Biased APD
PIN
—0
dBm
Minimum Fiber Bend Radius
1.25 (31.8)
in. (mm)


Similar Part No. - CA16A2FNN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA16-2 MACOM-CA16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Ledil, Inc.
CA16015 LEDIL-CA16015 Datasheet
6Mb / 4P
   Type II/III (Long) beam for very wide pole to pole distances.
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
   Beam for area and street lighting such as parks and pedestrian walkways
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
   OLGA Assembly
CA16127 LEDIL-CA16127 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
More results

Similar Description - CA16A2FNN

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
JDS Uniphase Corporatio...
MDX-13MX2001A JDSU-MDX-13MX2001A Datasheet
140Kb / 3P
   13 Channel DWDM Multiplexer/Demultiplexer (Mux/Demux)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com