Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT825Z-S Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SFT825Z-S
Description  Pb-free Reflow Soldering application RoHS Compliant
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SFT825Z-S Datasheet(HTML) 3 Page - Seoul Semiconductor

  SFT825Z-S_09 Datasheet HTML 1Page - Seoul Semiconductor SFT825Z-S_09 Datasheet HTML 2Page - Seoul Semiconductor SFT825Z-S_09 Datasheet HTML 3Page - Seoul Semiconductor SFT825Z-S_09 Datasheet HTML 4Page - Seoul Semiconductor SFT825Z-S_09 Datasheet HTML 5Page - Seoul Semiconductor SFT825Z-S_09 Datasheet HTML 6Page - Seoul Semiconductor SFT825Z-S_09 Datasheet HTML 7Page - Seoul Semiconductor SFT825Z-S_09 Datasheet HTML 8Page - Seoul Semiconductor SFT825Z-S_09 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 07
Rev. 07
April 2009
April 2009
www.
www.acriche
acriche.com
.com
SFT825Z-S
SFT825Z-S
Features
Description
Pb-free Reflow Soldering
application
RoHS Compliant
6-Pin (R,G,B separate)
type
White colored SMT
package and diffused
(milky color)
Suitable for all SMT
assembly methods
ESD-withstand voltage :
up to 6 kV (MIL-STD-883D)
Encapsulating Resin : hard
silicone resin
High Reliability (silicone
resin)
This surface-mount LED comes
in PLCC standard package
dimension. It has a substrate
made up of a molded plastic
reflector sitting on top of a bent
lead frame. The die is attached
within the reflector cavity and
the cavity is encapsulated by
epoxy or silicone.
The package design coupled
with careful selection of
component materials allow these
products to perform with high
reliability in a larger
temperature range -40℃ to
100℃. The high reliability
feature is crucial to Automotive
interior and Indoor ESS.
Applications
Indoor and outdoor
displays
LCD Backlights etc.
•R G B – displays
•Automotive
Signage and Channel
letter
•Indicator


Similar Part No. - SFT825Z-S_09

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SFT825Z-S SEOUL-SFT825Z-S Datasheet
596Kb / 13P
   Top View LED
More results

Similar Description - SFT825Z-S_09

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SFT825N-S SEOUL-SFT825N-S_09 Datasheet
736Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
STW0Q14A SEOUL-STW0Q14A Datasheet
1,003Kb / 18P
   Pb-Free Reflow soldering application RoHS copliant
logo
NICHIA CORPORATION
NTSL757G NICHIA-NTSL757G Datasheet
658Kb / 25P
   Pb-free Reflow Soldering Application
NVSA219B-V1 NICHIA-NVSA219B-V1 Datasheet
444Kb / 18P
   Pb-free Reflow Soldering Application
NSSMV01A NICHIA-NSSMV01A Datasheet
545Kb / 17P
   Pb-free Reflow Soldering Application
NCSR119B-V1 NICHIA-NCSR119B-V1 Datasheet
434Kb / 18P
   Pb-free Reflow Soldering Application
NFSL172A NICHIA-NFSL172A Datasheet
450Kb / 17P
   Pb-free Reflow Soldering Application
logo
Seoul Semiconductor
STW8Q2PA SEOUL-STW8Q2PA Datasheet
576Kb / 21P
   Pb-Free Reflow soldering application
logo
Ningbo Foryard Optoelec...
FYLS-0605URUGC FORYARD-FYLS-0605URUGC Datasheet
493Kb / 8P
   Pb-free Reflow soldering application
logo
NICHIA CORPORATION
NSSM032A NICHIA-NSSM032A_15 Datasheet
535Kb / 17P
   Pb-free Reflow Soldering Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com