Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1861A040 Datasheet(PDF) 4 Page - Agere Systems

Part # D1861A040
Description  D1861A 10 Gbits/s 1310 nm DML Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D1861A040 Datasheet(HTML) 4 Page - Agere Systems

  D1861A040 Datasheet HTML 1Page - Agere Systems D1861A040 Datasheet HTML 2Page - Agere Systems D1861A040 Datasheet HTML 3Page - Agere Systems D1861A040 Datasheet HTML 4Page - Agere Systems D1861A040 Datasheet HTML 5Page - Agere Systems D1861A040 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Agere Systems Inc.
Data Sheet
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
Laser Safety Information
Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All versions are Class IIIb laser products per CDRH, 21 CFR 1040 Laser
Safety requirements. All versions are Class 3B laser products per
IEC * 60825-1:1993. The device has been classi-
fied with the FDA under an accession number to be determined.
This product complies with 21 CFR 1040.10 and 1040.11.
SMF28 single-mode fiber pigtail and connector
Wavelength = 1.3
µm
Maximum power = 30 mW
Because of size constraints, laser safety labeling is not affixed to the module but attached to the outside of the ship-
ping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
*
IEC is a registered trademark of The International Electrotechnical Commission.
DANGER
INVISIBLE LASER RADIATION
IS EMITTED FROM THE END
OF FIBER OR CONNECTOR
Avoid direct exposure to beam
Do not view beam directly with
optical instruments
INVISIBLE LASER RADIATION EMITTED FROM END OF FIBER OR CONNECTOR
Avoid exposure to beam
Class 3B Laser Product IEC-60825M 1993 Max. Output: 30 mW
Wavelength: 1.3
µm


Similar Part No. - D1861A040

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D1861B AGERE-D1861B Datasheet
92Kb / 6P
   D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)
D1861B023 AGERE-D1861B023 Datasheet
92Kb / 6P
   D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)
D1861B040 AGERE-D1861B040 Datasheet
92Kb / 6P
   D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)
D1861B050 AGERE-D1861B050 Datasheet
92Kb / 6P
   D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)
D1861C AGERE-D1861C Datasheet
86Kb / 6P
   D1861C 10 Gbits/s 1310 nm DML Module (6 dBm)
More results

Similar Description - D1861A040

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D1861D AGERE-D1861D Datasheet
86Kb / 6P
   D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)
D1861C AGERE-D1861C Datasheet
86Kb / 6P
   D1861C 10 Gbits/s 1310 nm DML Module (6 dBm)
D1861B AGERE-D1861B Datasheet
92Kb / 6P
   D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
Emcore Corporation
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
logo
Agere Systems
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com