Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1861B050 Datasheet(PDF) 1 Page - Agere Systems

Part # D1861B050
Description  D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D1861B050 Datasheet(HTML) 1 Page - Agere Systems

  D1861B050 Datasheet HTML 1Page - Agere Systems D1861B050 Datasheet HTML 2Page - Agere Systems D1861B050 Datasheet HTML 3Page - Agere Systems D1861B050 Datasheet HTML 4Page - Agere Systems D1861B050 Datasheet HTML 5Page - Agere Systems D1861B050 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D1861B 10 Gbits/s 1310 nm DML Module (–3 dBm)
Preliminary Data Sheet
March 2001
Features
s
Direct-modulated 1310 nm laser module character-
ized for use in 10 Gbits/s operations up to 12 km
s
Average optical output power, –3 dBm typical
s
Temperature stabilized with internal thermoelectric
cooler (TEC), enabling operation within a wide
temperature range of –5 °C to +80 °C
s
Hermetically sealed optics, isolator on TEC
s
GPO* RF connector
s
Single-mode fiber pigtail
s
High relaxation frequency at low bias
Applications
s
SR-1
s
SONET/SDH low-cost metro applications
s
High-speed data communications
s
DWDM equipment drop-side applications
*
GPO is a trademark of Gilbert Engineering Co., Inc.
Description
The D1861B direct-modulated laser (DML) module is
a cost-effective solution for 10 Gbits/s digital trans-
mission up to 12 km using traditional intracity
SMF-28 single-mode fiber links. The 1310 nm
wavelength eliminates the need for concern about
dispersion control over most installed intracity fiber
plants. The package contains a high-speed DFB
laser chip, thermoelectric cooler, thermistor, optical
isolator, and a rear-facet monitor photodiode, which
allows for external optical power control.
Figure 1. D1861B DML Electrical Schematic
Pin Information
1. Laser anode is case ground mAp-p drive current.
2. A positive current into this pin cools the laser.
SMF-28 is a trademark of Corning Incorporated.
Table 1. Pin Descriptions
Pin No.
Description
1Thermistor
2Thermistor
3
Laser Cathode (–), dc Bias1
4
MPD Anode, (Negative Bias MPD)
5
MPD Cathode
6
Thermoelectric Cooler (+)2
7
Thermoelectric Cooler (–)
ESD
PROTECTION
TEC
76
54
3
2
1
––
+
+
RF
RMATCH
45
RTH
10 k
Ω @ 25 °C
ISOLATOR
RF CONNECTOR
MPD
DFB
CHOKE
1-1157(F)


Similar Part No. - D1861B050

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D1861 AGERE-D1861 Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
D1861A AGERE-D1861A Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
D1861A023 AGERE-D1861A023 Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
D1861A040 AGERE-D1861A040 Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
D1861A050 AGERE-D1861A050 Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
More results

Similar Description - D1861B050

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D1861D AGERE-D1861D Datasheet
86Kb / 6P
   D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)
D1861C AGERE-D1861C Datasheet
86Kb / 6P
   D1861C 10 Gbits/s 1310 nm DML Module (6 dBm)
D1861A AGERE-D1861A Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
Emcore Corporation
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
logo
Agere Systems
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com