Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJE-2V12W2P4 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SMJE-2V12W2P4
Description  Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-2V12W2P4 Datasheet(HTML) 3 Page - Seoul Semiconductor

  SMJE-2V12W2P4 Datasheet HTML 1Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 2Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 3Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 4Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 5Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 6Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 7Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 8Page - Seoul Semiconductor SMJE-2V12W2P4 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
[ Contents ]
1.
Characteristics of 12.7W Bulb
2.
Outline dimension
3.
Color spectrum
4.
Power characteristic
5.
Color & Binning
6.
Circuit Drawing
7.
Usage precautions
8.
Handling of silicone resin for LEDs
9.
Handling with regards to static electricity
Rev. 00
Rev. 00
March 2013
March 2013
www.Acrich.com
www.Acrich.com
3
9.
Handling with regards to static electricity
10.
Storage before use
11.
Guidelines for Acrich module work


Similar Part No. - SMJE-2V12W2P4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMJE-2V12W1P3 ETC2-SMJE-2V12W1P3 Datasheet
649Kb / 17P
   Arich 2 series designed for...
logo
Seoul Semiconductor
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
More results

Similar Description - SMJE-2V12W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
SMJE-1V12W1P2 SEOUL-SMJE-1V12W1P2 Datasheet
729Kb / 15P
   Acrich2 - 100V 13W Bulb Connect using a AIC directly to AC power
SMJE-1V08W1P2 SEOUL-SMJE-1V08W1P2 Datasheet
688Kb / 15P
   Acrich2 - 100V 8.7W Bulb Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com