Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7031-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7031-10
Description  10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7031-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7031-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7031-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7031-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To
1 GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body
Rated To 300 Watts Up To 1 GHz PE7031-10
URL:
http://www.pasternack.com/10db-fixed-n-female-n-male-300-watts-attenuator-pe7031-10-p.aspx
PE7031-10
PE7031-10 REV
10 dB Fixed Attenuator, N Male To N Female Directional Aluminum
Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz


Similar Part No. - PE7031-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7031-10 PASTERNACK-PE7031-10 Datasheet
259Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7031-10 PASTERNACK-PE7031-10_16 Datasheet
259Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7031-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7031-2 PASTERNACK-PE7031-2 Datasheet
255Kb / 3P
   2 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7031-20 PASTERNACK-PE7031-20 Datasheet
257Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7031-3 PASTERNACK-PE7031-3 Datasheet
250Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7031-6 PASTERNACK-PE7031-6 Datasheet
255Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7031-30 PASTERNACK-PE7031-30 Datasheet
256Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7032-10 PASTERNACK-PE7032-10 Datasheet
218Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 500 Watts Up To 1 GHz
PE7410-10 PASTERNACK-PE7410-10 Datasheet
300Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7412-10 PASTERNACK-PE7412-10 Datasheet
300Kb / 3P
   10 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7048-1 PASTERNACK-PE7048-1 Datasheet
223Kb / 3P
   1 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7019-10 PASTERNACK-PE7019-10 Datasheet
221Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com