Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJE-2V12W1P3 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SMJE-2V12W1P3
Description  Acrich2 -120V 13W Bulb Connects directly to AC line voltage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-2V12W1P3 Datasheet(HTML) 3 Page - Seoul Semiconductor

  SMJE-2V12W1P3_13 Datasheet HTML 1Page - Seoul Semiconductor SMJE-2V12W1P3_13 Datasheet HTML 2Page - Seoul Semiconductor SMJE-2V12W1P3_13 Datasheet HTML 3Page - Seoul Semiconductor SMJE-2V12W1P3_13 Datasheet HTML 4Page - Seoul Semiconductor SMJE-2V12W1P3_13 Datasheet HTML 5Page - Seoul Semiconductor SMJE-2V12W1P3_13 Datasheet HTML 6Page - Seoul Semiconductor SMJE-2V12W1P3_13 Datasheet HTML 7Page - Seoul Semiconductor SMJE-2V12W1P3_13 Datasheet HTML 8Page - Seoul Semiconductor SMJE-2V12W1P3_13 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
RoHS
3
[ Contents ]
1.
Characteristics --- --- --- --- --- --- --- --- --- --- --- ---- --- --- --- --- --- 4
2.
Thermal Resistance --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 7
3.
Color spectrum --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- -- 8
4.
Power characteristics --- --- --- --- --- --- --- --- --- --- --- --- --- --- -- 10
5.
Radiation Pattern --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 11
6.
Color & Binning --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- -- 12
7.
Marking --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 15
8.
Outline dimensions --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 15
9.
Circuit Drawing --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 16
10.
Packing --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 17
11.
Caution for use --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 18
12.
Handling of silicone resin for LEDs --- --- --- --- --- --- --- --- --- --- 18
13.
Handling with regards to static electricity- --- --- --- --- --- --- --- --- 19
14.
Storage before use--- --- --- --- --- --- --- --- --- --- --- --- --- 19
15.
Guidelines for properly working with Acrich module -- --- --- --- --- 19


Similar Part No. - SMJE-2V12W1P3_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMJE-2V12W1P3 ETC2-SMJE-2V12W1P3 Datasheet
649Kb / 17P
   Arich 2 series designed for...
More results

Similar Description - SMJE-2V12W1P3_13

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD12W4P3 SEOUL-SMJD-XD12W4P3 Datasheet
1Mb / 23P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJF-2D16W4PD SEOUL-SMJF-2D16W4PD Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com