Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-S1M32T-080F14Q Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT-S1M32T-080F14Q
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S1M32T-080F14Q Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT-S1M32T-080F14Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S1M32T-080F14Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S1M32T-080F14Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S1M32T-080F14Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S1M32T-080F14Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S1M32T-080F14Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S1M32T-080F14Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S1M32T-080F14Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S1M32T-080F14Q Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
6
AC Waveforms for Write and Erase Operations, WE Controlled
AIN
AIN
Addresses
OE
CE
Data
WE
VPP
RP
DIN
Valid
SRD
DIN
DIN
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VPPLK
VIL
VPPH2
VPPH1
tAVAV
tAVWH
tWHAX
tELWL
tWHEH
tWHWL
tWLWH
tWHDX
tDVWH
tVPWH
tWHQV1,2,3,4
tPHWL
High Z
AC Test Circuit
VIH
VIL
WP
6.5V
VHH
tPHHWH
tQVPH
tQVVL
Write Program or
Erase Setup Command
Power-up
Standby
Valid Address & Data (Program)
or Erase Confirm Command
Automated Program
or Erase Delay
Read Status
Register Data
Write Read Array
Command
VCC
Write
Device
Under
Test
CL
R2
R1
VCC
Test Configuration Component Values
Test Configuration
CL
(pF)
R1
(
Ω)
R2
(Ω)
3.3V Standard Test
50
990
770
5V Standard Test
50
580
390
NOTES:
CL includes jig capacitance.
OUT
Parameter
Typical
Units
Input Pulse Level
0 – 3.0
V
Input Rise and Fall
5
nS
Input and Output Timing Reference Level
1.5
V


Similar Part No. - ACT-S1M32T-080F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-017P2Q AEROFLEX-ACT-S128K32C-017P2Q Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-017P7Q AEROFLEX-ACT-S128K32C-017P7Q Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-020P2Q AEROFLEX-ACT-S128K32C-020P2Q Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-020P7Q AEROFLEX-ACT-S128K32C-020P7Q Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S1M32T-080F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com