Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2517G Datasheet(PDF) 2 Page - Agere Systems

Part # D2517G
Description  1.5 m m D2500-Type Digital Isolated DFB Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2517G Datasheet(HTML) 2 Page - Agere Systems

  D2517G Datasheet HTML 1Page - Agere Systems D2517G Datasheet HTML 2Page - Agere Systems D2517G Datasheet HTML 3Page - Agere Systems D2517G Datasheet HTML 4Page - Agere Systems D2517G Datasheet HTML 5Page - Agere Systems D2517G Datasheet HTML 6Page - Agere Systems D2517G Datasheet HTML 7Page - Agere Systems D2517G Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2
Lucent Technologies Inc.
Data Sheet
February 2000
Isolated DFB Laser Module
1.5
µm D2500-Type Digital
Description
The D2500-Type Digital Isolated DFB Laser Module
contains an internally cooled, InGaAsP, MQW, distrib-
uted-feedback (DFB) laser designed for 1.5
µm appli-
cations. The laser is designed to be used in OC-12/
STM-4 (622 Mbits/s) and OC-48/STM-16 (2.488 Gbits/
s) for long-reach and extended-reach applications. It is
also capable of low dispersion penalties (<2 dB) for use
with fiber spans exceeding 170 km (3000 ps/nm).
The device is available with an average output power of
0 dBm (3 dBm peak), which meets the SONET/SDH
standard. To eliminate the need for optical amplifiers in
some applications, the module can also be ordered
with higher output powers.
Controlled Feedback
The module contains an internal optical isolator that
suppresses optical feedback in laser-based, fiber-optic
systems. Light reflected back to the laser is attenuated
a minimum of 30 dB.
Controlled Temperature
An integral thermoelectric cooler (TEC) provides stable
thermal characteristics. The TEC allows for heating and
cooling of the laser chip to maintain a temperature of
25
°C for case temperatures from –40 °C to +70 °C.
The laser temperature is monitored by the internal ther-
mistor, which can be used with external circuitry to con-
trol the laser chip temperature.
Controlled Power
An internal, InGaAs, PIN photodiode functions as the
back-facet monitor. The photodiode monitors emission
from the rear facet of the laser and, when used in con-
junction with control circuitry, can control optical power
launched into the fiber. Normally, this configuration is
used in a feedback arrangement to maintain the aver-
age laser output power.
Standard Package
The laser module is fabricated in a 14-pin, hermetic,
metal/ceramic butterfly package. The package also
incorporates a bias tee that separates the dc-bias path
from the RF input. The RF input has a nominal 25
impedance. The laser module is equipped with a sin-
gle-mode fiber with an 8
µm core and 125 µm cladding.
The minimum pigtail length is 39.4 in. (100 cm); the
minimum bend radius is 1.18 in. (30 mm).
The pigtail is a 900
µm tight buffer fiber. Various con-
nector and pigtail options are available.
Lucent Technologies Microelectronics Group optoelec-
tric components are qualified to rigorous internal stan-
dards that are consistent with
Telcordia Technologies
TR-NWT-000468. All design and manufacturing opera-
tions are
ISO * 9001 certified. The module is fully quali-
fied for central office applications.
*
ISO is a registered trademark of The International Organization for
Standardization.
Pin Information
* A positive current through the thermoelectric heat pump cools the
laser.
† Both leads should be grounded for optimum performance.
Top view.
Figure 1. Circuit Schematic
Pin
Name
1
Thermistor
2
Thermistor
3
Laser dc Bias (cathode) (–)
4
Back-facet Monitor Anode (–)
5
Back-facet Monitor Cathode (+)
6
Thermoelectric Cooler (+)*
7
Thermoelectric Cooler (–)*
8
Case Ground
9
Case Ground
10
Case Ground
11
Laser Anode (+)
12
RF Laser Input Cathode (–)
13
Laser Anode (+)
14
Case Ground
1-567
TEC
L1
160 nH
ISOLATOR
R1
20
PACKAGE
GROUNDS
–+
+
+–
+
76
5
4
3
2
1
8
9
10
11
12
13
TH
10 k
14


Similar Part No. - D2517G

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D2516-6V0C-AR-WE 3M-D2516-6V0C-AR-WE Datasheet
1Mb / 6P
   .100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
logo
Kingston Technology Far...
D2516EC4BXGGB KINGSTON-D2516EC4BXGGB Datasheet
1Mb / 25P
   4G bist DDR3L SDRAM
06/10/13
D2516ECMDXGJD KINGSTON-D2516ECMDXGJD Datasheet
3Mb / 2P
   Kingston DDR3/3L DRAM for embedded applications
D2516ECMDXGJD-U KINGSTON-D2516ECMDXGJD-U Datasheet
3Mb / 2P
   Kingston DDR3/3L DRAM for embedded applications
D2516ECMDXGJDI KINGSTON-D2516ECMDXGJDI Datasheet
425Kb / 2P
   Kingston i-Temp DDR3/3L DRAM for embedded applications
More results

Similar Description - D2517G

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
logo
OKI electronic componet...
OL4492L OKI-OL4492L Datasheet
52Kb / 6P
   1.48, 1.51, 1.52 關m Coaxial DFB Laser Module
logo
Roithner LaserTechnik G...
DFB-2004-3 ROITHNER-DFB-2004-3 Datasheet
239Kb / 3P
   2.0 關m DFB laser diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com