Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2517G Datasheet(PDF) 4 Page - Agere Systems

Part # D2517G
Description  1.5 m m D2500-Type Digital Isolated DFB Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2517G Datasheet(HTML) 4 Page - Agere Systems

  D2517G Datasheet HTML 1Page - Agere Systems D2517G Datasheet HTML 2Page - Agere Systems D2517G Datasheet HTML 3Page - Agere Systems D2517G Datasheet HTML 4Page - Agere Systems D2517G Datasheet HTML 5Page - Agere Systems D2517G Datasheet HTML 6Page - Agere Systems D2517G Datasheet HTML 7Page - Agere Systems D2517G Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Lucent Technologies Inc.
Data Sheet
February 2000
Isolated DFB Laser Module
1.5
µm D2500-Type Digital
Characteristics
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are
the result of engineering evaluations. Typical values are for information purposes only and are not part of the test-
ing requirements.
* Standard operating condition is 5.0 V reverse bias.
† Ratio of thermistor resistance at 0
°C to thermistor resistance at 50 °C.
* Other dispersion penalties at various dispersions available.
Table 1. Electrical Characteristics (at 25
°C Laser Temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Laser Forward Voltage
VLF
LF = 2 mW (CW)
1.3
1.8
V
Slope Efficiency
η
LF = 2 mW (CW)
0.025
0.10
mW/mA
Threshold Current
ITH
12
50
mA
Monitor Reverse-bias Voltage*
VRMON
—3
5
10
V
Monitor Current
IRMON
PO = 1 mW (CW)
0.1
1.0
2.0
mA
Monitor Dark Current
ID
IF = 0, VRMON = 5 V
0.01
0.1
µA
Input Impedance
ZIN
25
Thermistor Current
ITC
10
100
µA
Resistance Ratio
8.6
9.6
Thermistor Resistance
RTH
TL = 25
°C
9.5
10.5
k
TEC Current
ITEC
TL = 25
°C, TC = 70 °C
0.6
1.0
A
TEC Voltage
VTEC
TL = 25
°C, TC = 70 °C
1.3
2.0
V
TEC Capacity
∆TTC = 70 °C50
°C
Table 2. Optical Characteristics (at 25
°C Laser Temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Optical Output Power
PPEAK
2.0
mW
Center Wavelength
λC
1530
1570
nm
Spectral Width:
Full Width at –3 dB
Full Width at –20 dB
∆λ
Modulated at 2.5 Gbits/s at
rated power
0.20
0.8
0.30
1.0
nm
nm
Side-mode Suppression Ratio
SMSR
Modulated at 2.5 Gbits/s
30
dB
Optical Isolation
0
°C to 65 °C30
dB
Table 3. Dispersion Performance (examples of dispersion penalty specifications)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Dispersion Penalty:*
D2502
D2511
D2517
DP
DP
DP
1350 ps/nm
1800 ps/nm
3000 ps/nm
2.0
2.0
2.0
dB
dB
dB


Similar Part No. - D2517G

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D2516-6V0C-AR-WE 3M-D2516-6V0C-AR-WE Datasheet
1Mb / 6P
   .100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
logo
Kingston Technology Far...
D2516EC4BXGGB KINGSTON-D2516EC4BXGGB Datasheet
1Mb / 25P
   4G bist DDR3L SDRAM
06/10/13
D2516ECMDXGJD KINGSTON-D2516ECMDXGJD Datasheet
3Mb / 2P
   Kingston DDR3/3L DRAM for embedded applications
D2516ECMDXGJD-U KINGSTON-D2516ECMDXGJD-U Datasheet
3Mb / 2P
   Kingston DDR3/3L DRAM for embedded applications
D2516ECMDXGJDI KINGSTON-D2516ECMDXGJDI Datasheet
425Kb / 2P
   Kingston i-Temp DDR3/3L DRAM for embedded applications
More results

Similar Description - D2517G

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
logo
OKI electronic componet...
OL4492L OKI-OL4492L Datasheet
52Kb / 6P
   1.48, 1.51, 1.52 關m Coaxial DFB Laser Module
logo
Roithner LaserTechnik G...
DFB-2004-3 ROITHNER-DFB-2004-3 Datasheet
239Kb / 3P
   2.0 關m DFB laser diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com