Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2525P43 Datasheet(PDF) 7 Page - Agere Systems

Part # D2525P43
Description  Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2525P43 Datasheet(HTML) 7 Page - Agere Systems

Back Button D2525P43 Datasheet HTML 2Page - Agere Systems D2525P43 Datasheet HTML 3Page - Agere Systems D2525P43 Datasheet HTML 4Page - Agere Systems D2525P43 Datasheet HTML 5Page - Agere Systems D2525P43 Datasheet HTML 6Page - Agere Systems D2525P43 Datasheet HTML 7Page - Agere Systems D2525P43 Datasheet HTML 8Page - Agere Systems D2525P43 Datasheet HTML 9Page - Agere Systems D2525P43 Datasheet HTML 10Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
Wavelength-Selected D2525P
March 2000
Isolated DFB Laser Module with PMF
7
Lucent Technologies Inc.
Ordering Information
Table 4. Ordering Information
Device Code
Comcode
ITU Frequency
Wavelength
Tolerance
D2525P862
108575085
186.2
1610.06
±0.4 nm
D2525P863
108575093
186.3
1609.19
±0.4 nm
D2525P864
108575119
186.4
1608.33
±0.4 nm
D2525P865
108575127
186.5
1607.47
±0.4 nm
D2525P866
108575135
186.6
1606.60
±0.4 nm
D2525P867
108575143
186.7
1605.74
±0.4 nm
D2525P868
108575150
186.8
1604.88
±0.4 nm
D2525P869
108575168
186.9
1604.33
±0.4 nm
D2525P870
108575184
187.0
1603.17
±0.4 nm
D2525P871
108476227
187.1
1602.31
±0.4 nm
D2525P872
108476235
187.2
1601.45
±0.4 nm
D2525P873
108476243
187.3
1600.60
±0.4 nm
D2525P874
108476250
187.4
1599.75
±0.4 nm
D2525P875
108476268
187.5
1598.89
±0.4 nm
D2525P876
108476276
187.6
1598.04
±0.4 nm
D2525P877
108476284
187.7
1597.19
±0.4 nm
D2525P878
108476292
187.8
1596.34
±0.4 nm
D2525P879
108476300
187.9
1595.49
±0.4 nm
D2525P880
108476318
188.0
1594.64
±0.4 nm
D2525P881
108476326
188.1
1593.79
±0.4 nm
D2525P882
108476334
188.2
1592.95
±0.4 nm
D2525P883
108476342
188.3
1592.10
±0.4 nm
D2525P884
108476359
188.4
1591.25
±0.4 nm
D2525P885
108476367
188.5
1590.41
±0.4 nm
D2525P886
108476375
188.6
1589.57
±0.4 nm
D2525P887
108476383
188.7
1588.72
±0.4 nm
D2525P888
108476391
188.8
1587.88
±0.4 nm
D2525P889
108476409
188.9
1587.04
±0.4 nm
D2525P890
108476417
189.0
1586.20
±0.4 nm
D2525P891
108476425
189.1
1585.36
±0.4 nm
D2525P892
108476433
189.2
1584.53
±0.4 nm
D2525P893
108476441
189.3
1583.69
±0.4 nm
D2525P894
108476458
189.4
1582.85
±0.4 nm
D2525P895
108476516
189.5
1582.02
±0.4 nm
D2525P896
108476524
189.6
1581.18
±0.4 nm
D2525P897
108476540
189.7
1580.35
±0.4 nm
D2525P898
108476557
189.8
1579.52
±0.4 nm
D2525P899
108476573
189.9
1578.69
±0.4 nm


Similar Part No. - D2525P43

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
D2525 TOSHIBA-D2525 Datasheet
188Kb / 4P
   TOSHIBA TRANSTOR SILICON NPN TRIPLE DIFFUSED TYPE
More results

Similar Description - D2525P43

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Mitsubishi Electric Sem...
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXB MITSUBISHI-FU-68SDF-V810MXXB Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
Mitsubishi Electric Sem...
FU-68PDF-V510MXXB MITSUBISHI-FU-68PDF-V510MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com