Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D371 Datasheet(PDF) 1 Page - Agere Systems

Part # D371
Description  D371-Type Digital Uncooled DFB Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D371 Datasheet(HTML) 1 Page - Agere Systems

  D371 Datasheet HTML 1Page - Agere Systems D371 Datasheet HTML 2Page - Agere Systems D371 Datasheet HTML 3Page - Agere Systems D371 Datasheet HTML 4Page - Agere Systems D371 Datasheet HTML 5Page - Agere Systems D371 Datasheet HTML 6Page - Agere Systems D371 Datasheet HTML 7Page - Agere Systems D371 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D371-Type Digital Uncooled DFB
Laser Module
Data Sheet
January 1999
The low-profile D371-Type Laser Module is ideally suited for
short- and long-haul SONET and other high-speed digital
applications.
Features
s
Eight-pin package suitable for SONET applications
s
Narrow linewidth, distributed-feedback, multiquan-
tum-well (DFB-MQW)1.3
µm laser with single-
mode fiber pigtail
s
Wide operating temperature range:
–40
°C to +85 °C
s
No TEC required
s
High output power: typical 2.0 mW peak power
coupled into single-mode fiber
s
Hermetically sealed active components
s
Internal back-facet monitor
s
Qualification program:
Telcordia Technologies *
TA-983
*
Telcordia Technologies is a registered trademark of Telcordia
Technologies, Inc.
Applications
s
Long-reach SONET OC-3/OC-12 systems
s
Telecommunications
s
Secure digital data systems
Benefits
s
Easily board mounted
s
Requires no lead bending
s
No additional heat sinks required
s
Pin compatible with industry-standard, 14-pin laser
module
s
Highly efficient DFB-MQW laser structure allows
for lower threshold and drive currents, and reduced
power consumption
Description
The D371-Type Uncooled Laser Module consists of a
laser diode coupled to a single-mode fiber pigtail.
The device is available in a standard, 8-pin config-
uration (see Figure 1 and/or Table 1) and is ideal for
long-reach (SONET) and other high-speed digital
applications.
The laser diode is a narrow linewidth (<1 nm) DFB-
MQW single-mode laser and an InGaAs PIN photo-
diode back-facet monitor in an epoxy-free, hermeti-
cally sealed package.


Similar Part No. - D371

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
logo
eupec GmbH
D371S45T EUPEC-D371S45T Datasheet
49Kb / 5P
   Schnelle Gleichrichterdiode Fast Diode
logo
Inchange Semiconductor ...
D371S45T ISC-D371S45T Datasheet
191Kb / 2P
   Fast Recovery Diode
More results

Similar Description - D371

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
   1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com